Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL55100AEVAL3Z Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL55100AEVAL3Z
Description  Quad 18V Pin Electronics Driver/Window Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL55100AEVAL3Z Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL55100AEVAL3Z Datasheet HTML 6Page - Renesas Technology Corp ISL55100AEVAL3Z Datasheet HTML 7Page - Renesas Technology Corp ISL55100AEVAL3Z Datasheet HTML 8Page - Renesas Technology Corp ISL55100AEVAL3Z Datasheet HTML 9Page - Renesas Technology Corp ISL55100AEVAL3Z Datasheet HTML 10Page - Renesas Technology Corp ISL55100AEVAL3Z Datasheet HTML 11Page - Renesas Technology Corp ISL55100AEVAL3Z Datasheet HTML 12Page - Renesas Technology Corp ISL55100AEVAL3Z Datasheet HTML 13Page - Renesas Technology Corp ISL55100AEVAL3Z Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
FN7486 Rev 3.00
Page 13 of 14
December 4, 2014
ISL55100A
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2005-2014. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
About Intersil
Intersil Corporation is a leading provider of innovative power management and precision analog solutions. The company's products
address some of the largest markets within the industrial and infrastructure, mobile computing and high-end consumer markets.
For the most updated datasheet, application notes, related documentation and related parts, please see the respective product
information page found at www.intersil.com.
You may report errors or suggestions for improving this datasheet by visiting www.intersil.com/ask.
Reliability reports are also available from our website at www.intersil.com/support
FIGURE 19. FREQUENCY OF 10MHz = 50ns PATTERN RATE
FIGURE 20. MINIMUM PULSE WIDTH VH 6/8/10V
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to the web to make sure that
you have the latest revision.
DATE
REVISION
CHANGE
December 4, 2014
FN7489.3
Update the datasheet throughout to Intersil’s new standard.
On page 2, updated the ordering information by adding MSL note.
On page 3, in “Pin Descriptions” table, added “This is also the potential of the exposed thermal pad on the
package bottom.” to the VEE row. Added “EP” row.
On page 4, under “Absolute Maximum Ratings”changed “DOUT” range from “VL – 0.5V” to “VEE - 0.5V”.
On page 9, changed a sentence in the 5th paragraph from “The maximum safe power temperature vs operating
frequency can be found graphically in Figure 18.” to “The junction temperature rise above ambient vs. operating
frequency can be found graphically in Figure 18.”
On page 9, edited “ESD Protection” paragraph.
On page 10, revised Figure 6 to represent actual ESD structures.
On page 12, changed the Y-axis label from “Temperature” to “Temperature Rise”.
Added Revision History and About Intersil sections.
Typical Performance Curves Device installed on Intersil ISL55100A Evaluation Board. (Continued)
0
0
20ns/DIV
VCC + 6.0 VH 6.0
VEE - 3.0 VL 0.0
0
10ns/DIV
VCC 12.0 VH 6/8/10
VEE - 3.0 VL 0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com