Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC3G06DC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC3G06DC
Description  Triple inverter with open-drain output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC3G06DC Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC3G06DC Datasheet HTML 1Page - NXP Semiconductors 74LVC3G06DC Datasheet HTML 2Page - NXP Semiconductors 74LVC3G06DC Datasheet HTML 3Page - NXP Semiconductors 74LVC3G06DC Datasheet HTML 4Page - NXP Semiconductors 74LVC3G06DC Datasheet HTML 5Page - NXP Semiconductors 74LVC3G06DC Datasheet HTML 6Page - NXP Semiconductors 74LVC3G06DC Datasheet HTML 7Page - NXP Semiconductors 74LVC3G06DC Datasheet HTML 8Page - NXP Semiconductors 74LVC3G06DC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
9397 750 14541
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 01 February 2005
3 of 15
Philips Semiconductors
74LVC3G06
Triple inverter with open-drain output
6.
Functional diagram
7.
Pinning information
7.1 Pinning
Fig 1.
Logic symbol.
Fig 2.
IEC logic symbol.
Fig 3.
Logic diagram (one driver).
mnb032
1A
1Y
17
2A
2Y
35
3A
3Y
62
7
1
1
1
5
3
mnb031
1
2
6
mna586
Y
A
GND
Fig 4.
Pin configuration TSSOP8 and
VSSOP8.
Fig 5.
Pin configuration XSON8.
06
1A
VCC
3Y
1Y
2Y
3A
GND
2Y
001aab841
1
2
3
4
6
5
8
7
06
3A
1Y
VCC
2Y
2A
3Y
1A
GND
001aab842
36
27
18
45
Transparent top view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com