Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL2540 Datasheet(PDF) 13 Page - ams AG

Part # TSL2540
Description  ALS, Light-to-Digital Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2540 Datasheet(HTML) 13 Page - ams AG

Back Button TSL2540 Datasheet HTML 9Page - ams AG TSL2540 Datasheet HTML 10Page - ams AG TSL2540 Datasheet HTML 11Page - ams AG TSL2540 Datasheet HTML 12Page - ams AG TSL2540 Datasheet HTML 13Page - ams AG TSL2540 Datasheet HTML 14Page - ams AG TSL2540 Datasheet HTML 15Page - ams AG TSL2540 Datasheet HTML 16Page - ams AG TSL2540 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
ams Datasheet
Page 13
[v1-01] 2017-Oct-12
Document Feedback
TSL2540 − Register Description
ATIME Register (Address 0x81)
Figure 15:
ATIME Register
The ATIME register controls the integration time of the ALS
ADCs. The timer is implemented with a down counter with 0x00
as the terminal count. The timer is clocked at a 2.8ms nominal
rate. Loading 0x00 will generate a 2.8ms integration time,
loading 0x01 will generate a 5.6ms integration time, and so
forth. The RC oscillator runs at 8MHz nominal rate. This gets
divided by 11 to generate the integration clock of 727kHz. One
count in ATIME (nominal 2.8ms) are 2.81ms. This is 2048
integration clock cycles: 125ns*11*8*256=2.81ms.
Addr: 0x81
ATIME
Bit
Bit Name
Default
Access
Bit Description
7:0
ATIME
0x00
RW
ALS value that specifies the integration time in 2.81ms
intervals. 0x00 indicates 2.8ms. The maximum ALS value
depends on the integration time. For every 2.81ms, the
maximum value increases by 1024. This means that to
be able to reach ALS full scale, the integration time has
to be at least 64*2.8ms.
Value
Integration
Cycles
Integration
Time
Maximum
ALS Value
0x00
1
2.8ms
1023
0x01
2
5.6ms
2047
……
…
…
0x3F
64
180ms
65535
……
…
…
0xFF
256
721ms
65535



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com