Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3258ITS-2.8-R-T1 Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # AAT3258ITS-2.8-R-T1
Description  300mA LDO Linear Regulator with UP Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3258ITS-2.8-R-T1 Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Back Button AAT3258ITS-2.8-R-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 10Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AAT3258
300mA LDO Linear Regulator with µP Reset
6
3258.2005.04.1.5
Typical Characteristics
Unless otherwise noted, V
IN = 5V, TA = 25°C.
Output Voltage vs. Temperature
1.196
1.197
1.198
1.199
1.200
1.201
1.202
1.203
-40 -30 -20 -10
0
10 20
30
40
50 60
70 80
90 100
Temperature (
°C)
Quiescent Current vs. Temperature
0
10
20
30
40
50
60
70
80
90
100
-40 -30 -20 -10
0
10 20 30 40 50 60 70
80 90 100 110 120
Temperature (
°C)
Ground Current vs. Input Voltage
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
90.00
2
2.5
3
3.5
4.5
45
Input Voltage (V)
IOUT = 0mA
IOUT = 10mA
IOUT = 50mA
IOUT = 150mA
IOUT = 300mA
Dropout Voltage vs. Output Current
0
50
100
150
200
250
300
350
400
450
500
0
50
100
150
200
250
300
Output Current (mA)
85
°C
25
°C
-40
°C
Dropout Characteristics
2.00
2.20
2.40
2.60
2.80
3.00
3.20
2.70
2.80
2.90
3.00
3.10
3.20
3.30
Input Voltage (V)
IOUT = 300mA
IOUT = 150mA
IOUT = 100mA
IOUT = 50mA
IOUT = 10mA
IOUT = 0mA
Dropout Voltage vs. Temperature
0
60
120
180
240
300
360
420
480
540
-40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120
Temperature (
°C)
IL = 300mA
IL = 150mA
IL = 100mA
IL = 50mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com