Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # SCM
Description  Single/Dual IGBT Snubber Capacitor Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SCM Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  SCM Datasheet HTML 1Page - Cornell Dubilier Electronics SCM Datasheet HTML 2Page - Cornell Dubilier Electronics SCM Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type SCM Single/Dual IGBT Snubber Capacitor Modules
High Peak Current Snubber with Integrated Hyperfast Diode
Use style SCM as a discharge restrictive de-coupling to protect
dual IGBT modules from overvoltage, Figure 1. Style SCM may
also be used as an “N” or “P” type snubber component for a
clamp snubber where single IGBT modules are used, fgure 2.
Highlights
- Direct mount to the IGBT module
- Low inductance
- Low Loss
- Hyperfast diodes integrated into package
- Self healing
- Other terminal spacing, capacitance values and voltage
Specifcations
ratings, also available upon request.
Capacitance Range
0.47 to 2.0 µF
Capacitance Tolerance
±10% (K) standard, ±5% (J) optional
Rated Voltage
600 to 1200 Vdc
Operating Temperature Range
-55 ºC to 70 ºC
RoHS Compliant
Dimensions
Construction Details
Case Material
Plastic UL94V-0
Resin Material
Dry Resin UL94V-0
Terminal Material
Tin Plated Copper
L
Max
16.0 mm
1.2 mm
C
E
R
W
Max
H
Max
21.0 mm
5.0 mm
P
15.0 mm
9.0 mm
7.0 mm
Wire: UL1015
AWG 18
200 mm Min
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830


Similar Part No. - SCM

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SCM AVX-SCM Datasheet
831Kb / 12P
Series-Connected SuperCapacitor Modules
logo
Banner Engineering Corp...
SCM BANNER-SCM Datasheet
126Kb / 2P
LED Diffused On-Axis Lights (75 mm)
logo
Rohm
SCM-013RT ROHM-SCM-013RT Datasheet
191Kb / 1P
Infrared Light Emitting Diodes Top View Type
SCM-013RTT86 ROHM-SCM-013RTT86 Datasheet
191Kb / 1P
Infrared Light Emitting Diodes Top View Type
SCM-014TB ROHM-SCM-014TB Datasheet
189Kb / 8P
Photo Transistor
More results

Similar Description - SCM

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SCD474K601A3Z25-F CDE-SCD474K601A3Z25-F Datasheet
297Kb / 2P
IGBT Snubber Capacitor Modules
SCM474K601H7N29-F CDE-SCM474K601H7N29-F Datasheet
85Kb / 2P
Single/Dual IGBT Snubber Capacitor Modules
SCMT474K601H7N28-F CDE-SCMT474K601H7N28-F Datasheet
428Kb / 3P
Single/Dual IGBT Snubber Capacitor Modules
SCT474K601A3B25-F CDE-SCT474K601A3B25-F Datasheet
417Kb / 3P
Snubber Film Capacitor
logo
Okaya Electric America,...
AFV OKAYA-AFV Datasheet
333Kb / 1P
SNUBBER CAPACITOR
CF99MPP474 OKAYA-CF99MPP474 Datasheet
309Kb / 1P
SNUBBER CAPACITOR
logo
MERITEK ELECTRONICS COR...
MCR MERITEK-MCR Datasheet
562Kb / 1P
RC Network (Snubber Capacitor)
logo
Okaya Electric America,...
VE155-A OKAYA-VE155-A_14 Datasheet
223Kb / 1P
SNUBBER CAPACITOR
logo
Cornell Dubilier Electr...
SCD CDE-SCD Datasheet
104Kb / 4P
High dV/dt Direct Mount IGBT Snubber
SCC CDE-SCC Datasheet
204Kb / 3P
Dual IGBT Clamp-Snubber Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com