Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EAST1608YA3 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # EAST1608YA3
Description  Compatible with automatic placement equipment.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAST1608YA3 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

  EAST1608YA3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAST1608YA3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAST1608YA3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAST1608YA3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAST1608YA3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAST1608YA3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAST1608YA3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAST1608YA3 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAST1608YA3 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DATASHEET
SMD  REFLECTOR
EAST1608YA3
7
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : 01-Feb-2010 Issue No: 1
www.everlightamericas.com
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection, otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package: The LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 After opening the package: The LED's floor life is 1 year under 30℃ or less and 60% RH or less.
If unused LEDs remain, it should be stored in moisture proof packages.
2.4 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
Pre-heating
150~200°C
60~120sec.
3°C/sec.Max.
Above 217°C
60~150sec.
260°C Max.
10sec. Max.
6°C/sec.Max.
Above255°C
30sec.Max.
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com