Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5805MPWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5805MPWPR
Description  23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5805MPWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5805MPWPR Datasheet HTML 9Page - Texas Instruments TAS5805MPWPR Datasheet HTML 10Page - Texas Instruments TAS5805MPWPR Datasheet HTML 11Page - Texas Instruments TAS5805MPWPR Datasheet HTML 12Page - Texas Instruments TAS5805MPWPR Datasheet HTML 13Page - Texas Instruments TAS5805MPWPR Datasheet HTML 14Page - Texas Instruments TAS5805MPWPR Datasheet HTML 15Page - Texas Instruments TAS5805MPWPR Datasheet HTML 16Page - Texas Instruments TAS5805MPWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
Frequency (Hz)
-120
-100
-80
-60
-40
-20
0
100
1k
10k
20
20k
D003
D001
D128
PVDD=12V, LC filter=4.7uH+0.68uF
Ch A to Ch B
Ch B to Ch A
Frequency (Hz)
-120
-100
-80
-60
-40
-20
0
100
1k
10k
20
20k
D003
D001
D129
PVDD=18V, LC filter=4.7uH+0.68uF
Ch A to Ch B
Ch B to Ch A
Output Power (W)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
0.01
0.1
1
10
20
D007
PVCC=24V
TA=25qC
RL=8:
D119
f= 20Hz
f= 1kHz
f= 10KHz
Supply Voltage (V)
0
20
40
60
80
20
5
15
18
10
20
D007
D030
D126
Fsw=768kHz, Channel A
Fsw=768kHz, Channel B
Output Power (W)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
0.01
0.1
1
10
D007
PVCC=12V
TA=25qC
RL=8:
D117
f= 20Hz
f= 1kHz
f= 10KHz
Output Power (W)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
0.01
0.1
1
10
20
D004
D010
D007
PVCC=18V
TA=25qC
RL=8:
D118
f= 20Hz
f= 1kHz
f= 10KHz
13
TAS5805M
www.ti.com
SLASEH5 – MAY 2018
Product Folder Links: TAS5805M
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
PVDD = 12V
4.7uH+0.68uF
FSW = 768 kHz
Hybrid Modulation
Load = 8Ω
Figure 19. THD+N vs Output Power-BTL
PVDD = 18V
4.7uH+0.68uF
FSW = 768 kHz
Hybrid Modulation
Load = 8Ω
Figure 20. THD+N vs Output Power-BTL
PVDD = 24V
4.7uH+0.68uF
FSW = 768 kHz
Hybrid Modulation
Load = 8Ω
Figure 21. THD+N vs Output Power-BTL
PVDD = 4.5V~24V
4.7uH+0.68uF
FSW = 768 kHz
Hybrid Modulation
Load = 8Ω
Figure 22. Idle Channel Noise vs PVDD-BTL
PVDD = 12V
4.7uH+0.68uF
Pout=1W
FSW = 768 kHz
Hybrid Modulation
Load = 6Ω
Figure 23. Crosstalk
PVDD = 18V
4.7uH+0.68uF
Pout=1W
FSW = 768 kHz
Hybrid Modulation
Load = 6Ω
Figure 24. Crosstalk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com