Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9621 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9621
Description  Wideband Voltage Feedback Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9621 Datasheet(HTML) 6 Page - Analog Devices

  AD9621 Datasheet HTML 1Page - Analog Devices AD9621 Datasheet HTML 2Page - Analog Devices AD9621 Datasheet HTML 3Page - Analog Devices AD9621 Datasheet HTML 4Page - Analog Devices AD9621 Datasheet HTML 5Page - Analog Devices AD9621 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AD9621
REV. 0
–6–
0
2V
–2V
5ns/DIV
R
LOAD = 100Ω
V
OUT = 5V p-p
INPUT RISE/FALL TIME = 1.6ns
Figure 16. Large Signal Pulse
Response
0
0.2V
–0.2V
5ns/DIV
R
LOAD = 100Ω
V
OUT = 0.4V p-p
INPUT RISE/FALL TIME = 0.3ns
Figure 17. Small Signal Pulse
Response
50
10
20
30
40
5
13
NONINVERTING GAIN
TO 0.01%
R
LOAD = 100Ω
V
OUT = 2V p-p
Figure 18. Settling Time vs.
Noninverting Gain
MECHANICAL INFORMATION
Dimensions shown in inches and (mm).
Cerdip (Suffix Q)
0.015 (0.38)
0.008 (0.20)
0.005 (0.13) MIN
0.055 (1.4) MAX
1
PIN 1
4
5
8
0.310 (7.87)
0.220 (5.59)
0.405 (10.29) MAX
0.200
(5.08)
MAX
SEATING
PLANE
0.023 (0.58)
0.014 (0.36)
0.070 (1.78)
0.030 (0.76)
0.060 (1.52)
0.015 (0.38)
0.150
(3.81)
MIN
0.200 (5.08)
0.125 (3.18)
0.100
(2.54)
BSC
0
° TO 15°
0.320 (8.13)
0.290 (7.37)
Plastic DIP (Suffix N)
0.240 (6.096)
0.260 (6.604)
4
5
8
1
SEATING
PLANE
0.200
(5.08)
MAX
0.360 (9.144)
0.400 (10.16)
0.016 (0.406)
0.020(0.508)
0.045 (1.143)
0.065 (2.667)
0.100
(2.54)
BSC
0.290 (7.366)
0.310 (7.874)
0.015 (0.381)
0.008 (0.204)
0.120 (3.048)
0.140 (3.556)
0.140
(3.556)
MIN
0
°-15°
PIN 1
Plastic SOIC (Suffix R)
TOP
VIEW
0.050
(1.27)
TYP
0.196 (5.00)
0.188 (4.75)
0.180 (0.46)
0.014 (0.36)
0.069 (1.75)
0.053 (1.35)
0.244 (6.20)
0.228 (5.80)
0.010 (0.25)
0.004 (0.10)
0.045 (1.15)
0.020 (0.50)
0.015 (0.38)
0.007 (0.18)
0.206 (5.20)
0.181 (4.60)
0.158 (4.00)
0.150 (3.80)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com