Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL320EB Datasheet(PDF) 3 Page - Analog Devices

Part # ADXL320EB
Description  Small and Thin 5 g Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL320EB Datasheet(HTML) 3 Page - Analog Devices

  ADXL320EB Datasheet HTML 1Page - Analog Devices ADXL320EB Datasheet HTML 2Page - Analog Devices ADXL320EB Datasheet HTML 3Page - Analog Devices ADXL320EB Datasheet HTML 4Page - Analog Devices ADXL320EB Datasheet HTML 5Page - Analog Devices ADXL320EB Datasheet HTML 6Page - Analog Devices ADXL320EB Datasheet HTML 7Page - Analog Devices ADXL320EB Datasheet HTML 8Page - Analog Devices ADXL320EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADXL320
Rev. 0 | Page 3 of 16
SPECIFICATIONS1
TA = 25°C, VS = 3 V, CX = CY = 0.1 µF, Acceleration = 0 g, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
SENSOR INPUT
Each axis
Measurement Range
±5
g
Nonlinearity
% of full scale
±0.2
%
Package Alignment Error
±1
Degrees
Alignment Error
X sensor to Y sensor
±0.1
Degrees
Cross Axis Sensitivity
±2
%
SENSITIVITY (RATIOMETRIC)2
Each axis
Sensitivity at XOUT, YOUT
VS = 3 V
156
174
192
mV/g
Sensitivity Change due to Temperature3
VS = 3 V
0.01
%/°C
ZERO g BIAS LEVEL (RATIOMETRIC)
Each axis
0 g Voltage at XOUT, YOUT
VS = 3 V
1.3
1.5
1.7
V
0 g Offset Versus Temperature
±0.6
mg/°C
NOISE PERFORMANCE
Noise Density
@ 25°C
250
µg/√Hz rms
FREQUENCY RESPONSE4
CX, CY Range5
0.002
10
µF
RFILT Tolerance
32 ± 15%
kΩ
Sensor Resonant Frequency
5.5
kHz
SELF-TEST6
Logic Input Low
0.6
V
Logic Input High
2.4
V
ST Input Resistance to Ground
50
kΩ
Output Change at XOUT, YOUT
Self-test 0 to 1
55
mV
OUTPUT AMPLIFIER
Output Swing Low
No load
0.3
V
Output Swing High
No load
2.5
V
POWER SUPPLY
Operating Voltage Range
2.4
5.25
V
Quiescent Supply Current
0.48
mA
Turn-On Time7
20
ms
TEMPERATURE
Operating Temperature Range
−20
70
°C
1 All minimum and maximum specifications are guaranteed. Typical specifications are not guaranteed.
2 Sensitivity is essentially ratiometric to VS. For VS = 2.7 V to 3.3 V, sensitivity is 154 mV/V/g to 194 mV/V/g typical.
3 Defined as the output change from ambient-to-maximum temperature or ambient-to-minimum temperature.
4 Actual frequency response controlled by user-supplied external capacitor (CX, CY).
5 Bandwidth = 1/(2 × π × 32 kΩ × C). For CX, CY = 0.002 µF, bandwidth = 2500 Hz. For CX, CY = 10 µF, bandwidth = 0.5 Hz. Minimum/maximum values are not tested.
6 Self-test response changes cubically with VS.
7 Larger values of CX, CY increase turn-on time. Turn-on time is approximately 160 × CX or CY + 4 ms, where CX, CY are in µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com