Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DHRB34B331M2BB Datasheet(PDF) 13 Page - Murata Manufacturing Co., Ltd.

Part # DHRB34B331M2BB
Description  HIGH VOLTAGE CERAMIC CAPACITORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DHRB34B331M2BB Datasheet(HTML) 13 Page - Murata Manufacturing Co., Ltd.

Back Button DHRB34B331M2BB Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DHRB34B331M2BB Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DHRB34B331M2BB Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. DHRB34B331M2BB Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. DHRB34B331M2BB Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. DHRB34B331M2BB Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. DHRB34B331M2BB Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. DHRB34B331M2BB Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. DHRB34B331M2BB Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
2
12
2
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Typical Characteristics Data / Specifications and Test Methods
–30
–40
–20
0
20
40
60
80
100
–20
1
0
2
3
–10
0
10
20
30
Temperature (
°C)
Dissipation Factor
Capacitance
100
80
60
40
20
0
–20
–10
0
DC Rated Voltage (%)
Capacitance
Frequency (kHz)
1000
100
10
1
–6
–4
–2
0
0
2
4
6
Capacitance
Dissipation Factor
Temperature Characteristic
Typical Voltage Coefficient
Frequency Characteristic
Item
No
Specifications
Testing Method
Operating Temperature Range
Capacitance
Temperature Characteristics
Dissipation Factor (D.F.)
Dielectric
Strength
Insulation Resistance (I.R.)
Strength of
Terminal
Life
Humidity
(Under Steady
State)
1
2
3
4
5
6
7
8
9
Between Terminal
Torque Strength
Appearance
Capacitance Change
D.F.
I.R.
Appearance
Capacitance Change
D.F.
I.R.
-20 to +85
°C
Within the specified
tolerance.
Temperature coefficient
-4700
±1000ppm/°C
(Temp. range: +20 to +85
°C)
0.3% max.
No failure.
10000M
Ω min.
Capacitor should not be
broken.
No marked defect.
Within
±5%
1.0% max.
1000M
Ω min.
No marked defect.
Within
±5%
1.0% max.
1000M
Ω min.
The capacitance should be measured at 20
°C with 1±0.1kHz
and AC 1 to 5V(r.m.s.).
The capacitance measurement should be made at each step
specified in table.
Capacitance change from the value of step 3 should not exceed the
limit specified.
The dissipation factor should be measured at 20
°C with 1±0.1kHz
and AC 1 to 5V(r.m.s.).
The capacitor should not be damaged when DC voltage of 150% of
the rated voltage is applied between the terminals for 60
±5 sec. in
insulating liquid or gas.
(Charge/Discharge current
V 50mA)
The insulation resistance should be measured with DC1000V within
60
±5 sec. of charging.
When mounting the capacitor on equipment, be sure to mount
them within the torque strength values shown in the table below.
Apply a DC voltage of 125% of the rated voltage for 100+24/-0 hrs. in
silicon oil at 85
±2°C.
Post-treatment: Capacitor should be stored for 24 hrs. at *room
condition. (Charge/Discharge current
V 50mA)
Set the capacitor for 100+24/-0 hrs. at 40
±2°C in 90 to 95% relative
humidity. Post-treatment: Capacitor should be stored for 24 hrs. at
*room condition.
* "room condition" Temperature: 15 to 35
°C, Relative humidity: 45 to 75%, Atmospheric pressure: 86 to 106kPa
Step
Temp. (
°C)
1
—
2
—
3
20
±2
4
85
±2
5
20
±2
Terminal Type
ISO M4, No.8-32
torque (N·m)
1.5
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering.
!Note
C41E2.pdf 03.4.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com