Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE-42MH Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-42MH
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-42MH Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-42MH Datasheet HTML 1Page - Mini-Circuits ADE-42MH Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
Level 13 (LO Power +13 dBm) 5 to 4200 MHz
Frequency Mixer
Surface Mount
CASE STYLE: CD542
Demo Board MCL P/N: TB-03
Suggested PCB Layout (PL-052)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
6
RF
3
IF
2
GROUND
1,4,5
Outline Drawing
Electrical Specifications
REV. G
M166133
ADE-42MH+
ED-6859/1
DJ/TD/CP/AM
180523
1 dB COMP.: +9 dBm typ.
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
L
M
U
L
M
U
f
L-fU
—
X
σ
Max.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ.
5-4200
5-3500
7.5
0.20
9.8
11.8
47 28
29 20
30 15
34 23
26 17
23 17
17
LO
IF
RF
A
B
C
D
E
F
G
.272
.310
.220
.100
.112
.055
.100
6.91
7.87
5.59
2.54
2.84
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.20
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+13dBm
LO
+13dBm
LO
+13dBm
LO
+13dBm
LO
+13dBm
Typical Performance Data
Electrical Schematic
ADE-42MH+
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
5.00
35.00
7.36
49.90
34.20
1.35
2.37
25.00
55.00
6.76
51.40
34.10
1.20
2.32
75.00
105.00
6.54
54.00
33.90
1.20
2.25
100.00
130.00
6.52
52.70
34.00
1.19
2.30
250.00
280.00
7.05
42.40
33.80
1.10
2.18
500.00
530.00
7.02
35.40
31.50
1.10
2.16
884.28
914.28
7.09
32.20
27.50
1.55
1.91
1000.00
1030.00
7.22
32.20
26.30
1.64
1.91
1326.38
1356.38
7.87
33.40
24.70
2.37
1.84
1547.43
1577.43
7.39
35.80
24.00
2.40
1.81
1768.47
1798.47
7.30
38.90
23.00
2.16
1.78
2000.00
2030.00
7.30
40.00
23.30
2.04
1.63
2431.62
2461.62
7.45
39.50
24.20
2.18
1.30
3000.00
2970.00
7.66
31.10
24.50
2.20
1.56
3315.81
3285.81
7.39
28.10
25.10
1.92
1.87
3536.85
3506.85
7.97
27.10
25.60
1.71
2.06
3757.90
3727.00
8.23
26.30
25.80
1.63
2.06
4000.00
3970.00
8.23
25.00
26.20
1.46
2.20
4100.00
4070.00
8.18
24.30
26.30
1.46
2.20
4200.00
4170.00
8.41
24.20
26.70
1.27
2.20
Features
• low conversion loss, 7.5 dB typ.
• low profile package
• aqueous washable
• protected by U.S. Patent 6,133,525
Applications
• cellular
• PCS
• instrumentation
• satellite communication
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
200mW
IF Current
40mA
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±
� .002
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200
13”
500, 1000


Similar Part No. - ADE-42MH

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-4 MINI-ADE-4 Datasheet
306Kb / 2P
Frequency Mixer
ADE-4+ MINI-ADE-4+ Datasheet
306Kb / 2P
Frequency Mixer
More results

Similar Description - ADE-42MH

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
VAY-1 MINI-VAY-1 Datasheet
213Kb / 2P
Frequency Mixer
ZAD-11H MINI-ZAD-11H Datasheet
288Kb / 2P
Frequency Mixer
ZFM-3H MINI-ZFM-3H Datasheet
261Kb / 2P
Frequency Mixer
ZFM-4 MINI-ZFM-4 Datasheet
264Kb / 2P
Frequency Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com