Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE-132FH Datasheet(PDF) 2 Page - Mini-Circuits

Part # ADE-132FH
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-132FH Datasheet(HTML) 2 Page - Mini-Circuits

  ADE-132FH Datasheet HTML 1Page - Mini-Circuits ADE-132FH Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
1050.10
1080.10
6.73
37.09
37.47
1.94
3.78
29.11
1060.10
1090.10
6.72
36.56
37.61
1.97
3.80
29.56
1070.10
1100.10
6.78
36.33
37.98
2.00
3.83
30.12
1080.10
1110.10
6.89
36.40
37.91
2.03
3.84
30.73
1090.10
1120.10
6.94
36.76
38.23
2.04
3.89
31.26
1100.10
1130.10
6.91
36.70
38.46
2.05
3.94
31.64
1170.10
1200.10
7.08
36.28
39.60
1.95
4.30
34.15
1180.10
1210.10
7.06
36.52
39.79
1.93
4.35
34.01
1190.10
1220.10
7.02
36.66
40.08
1.89
4.44
34.41
1200.10
1230.10
6.96
36.91
39.66
1.83
4.52
35.50
1210.10
1240.10
6.89
37.18
39.63
1.78
4.59
35.48
1220.10
1250.10
6.82
37.81
39.20
1.71
4.69
36.07
1230.10
1260.10
6.77
37.70
39.36
1.65
4.75
36.76
1240.10
1270.10
6.67
37.60
39.18
1.59
4.83
39.66
1250.10
1280.10
6.57
37.75
38.44
1.53
4.91
41.27
1260.10
1290.10
6.47
37.87
38.22
1.47
5.03
39.26
1270.10
1300.10
6.39
37.89
37.67
1.39
5.12
35.85
1280.10
1310.10
6.27
37.71
37.12
1.32
5.22
32.92
1290.10
1320.10
6.16
37.50
36.59
1.26
5.33
31.13
1300.10
1330.10
6.07
37.53
35.87
1.18
5.42
30.13
Performance Charts
Page 2 of 2
5.0
6.0
7.0
8.0
9.0
10.0
1050
1100
1150
1200
1250
1300
FREQUENCY (MHz)
ADE-132FH+
CONVERSION LOSS
15 (dBm)
17 (dBm)
19 (dBm)
at IF Freq of 60 MHz
25
30
35
40
45
50
1080
1130
1180
1230
1280
1330
FREQUENCY (MHz)
ADE-132FH+
L-R ISOLATION
15 (dBm)
17 (dBm)
19 (dBm)
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
1050
1100
1150
1200
1250
1300
FREQUENCY (MHz)
ADE-132FH+
RF VSWR
15 (dBm)
17 (dBm)
19 (dBm)
3.0
3.5
4.0
4.5
5.0
5.5
6.0
1050
1100
1150
1200
1250
1300
FREQUENCY (MHz)
ADE-13F2H+
LO VSWR
15 (dBm)
17 (dBm)
19 (dBm)
ADE-132FH+
1.00
1.25
1.50
1.75
10
30
50
70
90 110 130 150 170 190 210
FREQUENCY (MHz)
ADE-132FH+
IF VSWR
15 (dBm)
17 (dBm)
19 (dBm)
at LO Freq of 1700 MHz
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
60.0
1050
1100
1150
1200
1250
1300
FREQUENCY (MHz)
ADE-132FH+
IP3
15 (dBm)
17 (dBm)
19 (dBm)
30
35
40
45
1080
1130
1180
1230
1280
1330
FREQUENCY (MHz)
ADE-13F2H+
L-I ISOLATION
15 (dBm)
17 (dBm)
19 (dBm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com