Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE-192H Datasheet(PDF) 3 Page - Mini-Circuits

Part # ADE-192H
Description  Frequency Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-192H Datasheet(HTML) 3 Page - Mini-Circuits

  ADE-192H Datasheet HTML 1Page - Mini-Circuits ADE-192H Datasheet HTML 2Page - Mini-Circuits ADE-192H Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 3 of 3
Performance Charts
ADE-192H+
CONVERSION LOSS
7.0
7.5
8.0
8.5
9.0
9.5
10.0
0
400
800
1200
1600
2000
FREQUENCY (MHz)
14 dBm
17 dBm
20 dBm
at IF Freq of 60 MHz
ADE-192H+
L-R ISOLATION
25
30
35
40
45
50
0
400
800
1200
1600
2000
FREQUENCY (MHz)
14 dBm
17 dBm
20 dBm
ADE-192H+
RF VSWR
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
400
800
1200
1600
2000
FREQUENCY (MHz)
14 dBm
17 dBm
20 dBm
ADE-192H+
L-I ISOLATION
25
30
35
40
45
0
400
800
1200
1600
2000
FREQUENCY (MHz)
14 dBm
17 dBm
20 dBm
ADE-192H+
LO VSWR
1.0
1.5
2.0
2.5
3.0
0
400
800
1200
1600
2000
FREQUENCY (MHz)
14 dBm
17 dBm
20 dBm
ADE-192H+
ADE-192H+
IF VSWR
1.00
1.25
1.50
1.75
0
200 400 600 800 1000 1200 1400 1600 1800
FREQUENCY (MHz)
14 dBm
17 dBm
20 dBm
at LO Freq of 1700 MHz
ADE-192H+
IP3
20.0
25.0
30.0
35.0
40.0
45.0
0
500
1000
1500
2000
FREQUENCY (MHz)
14 dBm
17 dBm
20 dBm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com