Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80C286 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 80C286
Description  High Performance Microprocessor with Memory Management and Protection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C286 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 80C286 Datasheet HTML 17Page - Renesas Technology Corp 80C286 Datasheet HTML 18Page - Renesas Technology Corp 80C286 Datasheet HTML 19Page - Renesas Technology Corp 80C286 Datasheet HTML 20Page - Renesas Technology Corp 80C286 Datasheet HTML 21Page - Renesas Technology Corp 80C286 Datasheet HTML 22Page - Renesas Technology Corp 80C286 Datasheet HTML 23Page - Renesas Technology Corp 80C286 Datasheet HTML 24Page - Renesas Technology Corp 80C286 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
80C286
FN2947 Rev.3.00
Page 21 of 65
January 28, 2008
Task Privilege
A task always executes at one of the four privilege levels. The
task privilege level at any specific instant is called the Current
Privilege Level (CPL) and is defined by the lower two bits of the
CS register. CPL cannot change during execution in a single
code segment. A task's CPL may only be changed by control
transfers through gate descriptors to a new code segment
(See Control Transfer). Tasks begin executing at the CPL
value specified by the code segment selector within TSS when
the task is initiated via a task switch operation (See Figure 18).
A task executing at Level 0 can access all data segments
defined in the GDT and the task's LDT and is considered the
most trusted level. A task executing a Level 3 has the most
restricted access to data and is considered the least trusted
level.
Descriptor Privilege
Descriptor privilege is specified by the Descriptor Privilege Level
(DPL) field of the descriptor access byte. DPL specifies the least
trusted task privilege level (CPL) at which a task may access the
descriptor. Descriptors with DPL = 0 are the most protected.
Only tasks executing at privilege level 0 (CPL = 0) may access
them. Descriptors with DPL = 3 are the least protected (i.e. have
the least restricted access) since tasks can access them when
CPL = 0, 1, 2, or 3). This rule applies to all descriptors, except
LDT descriptors.
Selector Privilege
Selector privilege is specified by the Requested Privilege Level
(RPL) field in the least significant two bits of a selector. Selec-
tor RPL may establish a less trusted privilege level than the
current privilege level for the use of a selector. This level is
called the task's effective privilege level (EPL). RPL can only
reduce the scope of a task's access to data with this selector. A
task's effective privilege is the numeric maximum of RPL and
CPL. A selector with RPL = 0 imposes no additional restriction
on its use while a selector with RPL = 3 can only refer to seg-
ments at privilege Level 3 regardless of the task's CPL. RPL is
generally used to verify that pointer parameters passed to a
more trusted procedure are not allowed to use data at a more
privileged level than the caller (refer to pointer testing instruc-
tions).
Descriptor Access and Privilege Validation
Determining the ability of a task to access a segment involves
the type of segment to be accessed, the instruction used, the
type of descriptor used and CPL, RPL, and DPL. The two basic
types of segment accesses are control transfer (selectors
loaded into CS) and data (selectors loaded into DS, ES or SS).
Data Segment Access
Instructions that load selectors into DS and ES must refer to a
data segment descriptor or readable code segment descriptor.
The CPL of the task and the RPL of the selector must be the
same as or more privileged (numerically equal to or lower than)
than the descriptor DPL. In general, a task can only access
data segments at the same or less privileged levels than the
CPL or RPL (whichever is numerically higher) to prevent a pro-
gram from accessing data it cannot be trusted to use.
An exception to the rule is a readable conforming code seg-
ment. This type of code segment can be read from any privi-
lege level.
If the privilege checks fail (e.g. DPL is numerically less than the
maximum of CPL and RPL) or an incorrect type of descriptor is
referenced (e.g. gate descriptor or execute only code segment)
exception 13 occurs. If the segment is not present, exception
11 is generated.
Instructions that load selectors into SS must refer to data seg-
ment descriptors for writable data segments. The descriptor
privilege (DPL) and RPL must equal CPL. All other descriptor
types or a privilege level violation will cause exception 13. A
not present fault causes exception 12.
TABLE 13. DESCRlPTOR TYPES USED FOR CONTROL TRANSFER
CONTROL TRANSFER TYPES
OPERATION TYPES
DESCRIPTOR
REFERENCED
DESCRIPTOR
TABLE
Intersegment within the same privilege levels
JMP, CALL, RET, lRET (Note 4) Code Segment
GDT/LDT
Intersegment to the same or higher privilege level interrupt
within task may change CPL
CALL
Call Gate
GDT/LDT
Interrupt Instruction, Exception
External Interrupt
Trap or Interrupt Gate lDT
Intersegment to a lower privilege level (changes task CPL) RET, IRET (Note 4)
Code Segment
GDT/LDT
Task Switch
CALL, JMP
Task State Segment
GDT
CALL, JMP
Task Gate
GDT/LDT
lRET (Note 5)
Interrupt Instruction, Exception
External Interrupt
Task Gate
IDT
NOTES:
4. NT (Nested Task bit of flag word) = 0
5. NT (Nested Task bit of flag word) = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com