Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP80C88Z Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # CP80C88Z
Description  CMOS 8-/16-Bit Microprocessor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CP80C88Z Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button CP80C88Z Datasheet HTML 9Page - Renesas Technology Corp CP80C88Z Datasheet HTML 10Page - Renesas Technology Corp CP80C88Z Datasheet HTML 11Page - Renesas Technology Corp CP80C88Z Datasheet HTML 12Page - Renesas Technology Corp CP80C88Z Datasheet HTML 13Page - Renesas Technology Corp CP80C88Z Datasheet HTML 14Page - Renesas Technology Corp CP80C88Z Datasheet HTML 15Page - Renesas Technology Corp CP80C88Z Datasheet HTML 16Page - Renesas Technology Corp CP80C88Z Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
80C88
FN2949 Rev.5.00
Page 13 of 39
Sep 28, 2017
Designers familiar with the 8085 or upgrading an 8085 design
should note that the 8085 addresses I/O with an 8-bit address
on both halves of the 16-bit address bus. The 80C88 uses a full
16-bit address on its lower 16 address lines.
External Interface
Processor Reset and Initialization
Processor initialization or start up is accomplished by activating
(setting HIGH) the RESET pin. The 80C88 RESET is required to be
HIGH for greater than four clock cycles. The 80C88 will terminate
operations on the high-going edge of RESET and will remain
dormant as long as RESET is HIGH. The low-going transition of
RESET triggers an internal reset sequence for approximately
seven clock cycles. After this interval the 80C88 operates
normally, beginning with the instruction in absolute location
FFFFOH (see Figure 2 on page 9). The RESET input is internally
synchronized to the processor clock. At initialization, the HIGH to
LOW transition of RESET must occur no sooner than 50µs after
power up to allow complete initialization of the 80C88.
NMI will not be recognized if asserted before the second CLK
cycle following the end of RESET.
Bus Hold Circuitry
To avoid high current conditions caused by floating inputs to
CMOS devices and to eliminate the need for pull-up/down
resistors, “bus-hold” circuitry has been used on 80C88 pins 2-16,
26-32, and 34-39 (see Figure 6A and 6B). These circuits
maintain a valid logic state if no driving source is present (that is,
an unconnected pin or a driving source which goes to a high
impedance state).
To override the “bus hold” circuits, an external driver must be
capable of supplying 400µA minimum sink or source current at
valid input voltage levels. Since this “bus hold” circuitry is active
and not a “resistive” type element, the associated power supply
current is negligible. Power dissipation is significantly reduced
when compared to the use of passive pull-up resistors.
Interrupt Operations
Interrupt operations fall into two classes: software initiated or
hardware initiated. The software initiated interrupts and software
aspects of hardware interrupts are specified in the instruction set
description. Hardware interrupts can be classified as nonmusical
or maskable.
Interrupts result in a transfer of control to a new program
location. A 256 element table containing address pointers to the
interrupt service program locations resides in absolute locations
0 through 3FFH (see Figure 2 on page 9), which are reserved for
this purpose. Each element in the table is four bytes in size and
corresponds to an interrupt “type”. An interrupting device
supplies an 8-bit type number, during the interrupt acknowledge
sequence, which is used to vector through the appropriate
element to the new interrupt service program location.
Non-Maskable Interrupt (NMI)
The processor provides a single non-maskable interrupt (NMI) pin
which has higher priority than the maskable interrupt request
(INTR) pin. A typical use would be to activate a power failure
routine. The NMI is edge-triggered on a LOW to HIGH transition.
The activation of this pin causes a type 2 interrupt.
NMI is required to have a duration of greater than two cycles in
the HIGH state but is not required to be synchronized to the clock.
A high-going transition of NMI is latched on-chip and will be
serviced at the end of the current instruction or between whole
moves (2-bytes in the case of word moves) of a block type
instruction. Worst case response to NMI would be for multiply,
divide, and variable shift instructions. There is no specification on
the occurrence of the low-going edge; it can occur before, during,
or after the servicing of NMI. Another high-going edge triggers
another response if it occurs after the start of the NMI procedure.
The signal must be free of logical spikes in general and be free of
bounces on the low-going edge to avoid triggering extraneous
responses.
Maskable Interrupt (INTR)
The 80C88 provides a singe interrupt request input (INTR) which
can be masked internally by software with the resetting of the
interrupt enable (IF) flag bit. The interrupt request signal is level
triggered. It is internally synchronized during each clock cycle on
the high-going edge of CLK.
To receive a response, INTR must be present (HIGH) during the
clock period preceding the end of the current instruction or the
end of a whole move for a block type instruction. INTR can be
removed anytime after the falling edge of the first INTA signal.
During the interrupt response sequence, further interrupts are
FIGURE 6A. BUS HOLD CIRCUITRY PINS 2-16 AND 35-39
FIGURE 6B. BUS HOLD CIRCUITRY PINS 26-32 AND 34
FIGURE 6.
OUTPUT
DRIVER
INPUT
BUFFER
INPUT
PROTECTION
CIRCUITRY
BOND
PAD
EXTERNAL
PIN
OUTPUT
DRIVER
INPUT
BUFFER
INPUT
PROTECTION
CIRCUITRY
BOND
PAD
EXTERNAL
PIN
P
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com