Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1402 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AM1402
Description  SE-AM1402
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM1402 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AM1402 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SUPER ELITE TECHNOLOGY CO., LTD
Unit:mm
Date
Model No
Chang Date
SE-AM1402
9 - 25 -1997
DWG No.
97092502DV1
CONNECTOR
2.54
PIN 4
PIN 1
Panel Size
ACTIVE AREA
312.0±0.5
270.0±0.5
R20-4.
3.6±0.1
R680±40
48.0±0.5
21.0±0.5
21.0±0.5
02 – 25 - 1999
R800±40
Note:
:
:
:
Pin 1:
:
:
:Bottom
Pin 2:
:
:
:Top
Pin 3:
:
:
:Left
Pin4:
:
:
:Right
Pin Pitch:
:
:
:2.54 mm
Total Thickness:
:
:
:3.6 ± 0.2 mm
Surface Hardness:
:
:
:3H
Optical Clarity:
:
:
:76 %
Operating Temperature:
:
:
:0
°°°°C ~ 50°°°°C
Endurance Test:
:
:
:Over 1 million strikes
Operating Voltage:
:
:
:DC5-12V
Resistance:
:
:
:200
Ω
Ω
Ω
Ω ~ 900Ω
Ω
Ω
Ω
Linearity:
:
:
:
<<<< 1.5%
Faceplate Surface:
:
:
:Anti-glare coating
Operation Pressure:
:
:
:35g~60g
Storage Temperature:
:
:
:
−−−−20°°°°C ~ 70°°°°C
Message Noise:
:
:
: 5 m sec ~ 15 m sec
Operating Current:
:
:
:5mA ~ 25mA
Isolation Resistance:
:
:
:DC25V 20M
Ω
Ω
Ω
Ω↑
↑
↑
↑


Similar Part No. - AM1402

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM1400NE ANALOGPOWER-AM1400NE Datasheet
338Kb / 5P
N-Channel 150-V (D-S) MOSFET
logo
Advanced Micro Devices
AM1408 AMD-AM1408 Datasheet
336Kb / 4P
8-Bit Multiplying D/A Converter
AM1408L6 AMD-AM1408L6 Datasheet
336Kb / 4P
8-Bit Multiplying D/A Converter
AM1408L7 AMD-AM1408L7 Datasheet
336Kb / 4P
8-Bit Multiplying D/A Converter
AM1408L8 AMD-AM1408L8 Datasheet
336Kb / 4P
8-Bit Multiplying D/A Converter
More results

Similar Description - AM1402

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2119M DALLAS-DS2119M Datasheet
166Kb / 9P
Ultra3 LVD/SE SCSI Terminator
logo
AVX Corporation
SE013C125MAA AVX-SE013C125MAA Datasheet
76Kb / 2P
SMPS Capacitors (SE Style)
logo
Maxim Integrated Produc...
DS2118MB MAXIM-DS2118MB Datasheet
420Kb / 10P
Ultra3 LVD/SE SCSI Terminator
REV: 010406
logo
Littelfuse
SE-105 LITTELFUSE-SE-105 Datasheet
388Kb / 1P
The SE-105/SE-107 is a combination ground-wire monitor
SE-134C LITTELFUSE-SE-134C Datasheet
310Kb / 1P
The SE-134C/SE-135 is a microprocessor-based
logo
PHOENIX CONTACT
1212832 PHOENIX-1212832 Datasheet
42Kb / 2P
Diagonal cutter - CUTFOX-SE
1212833 PHOENIX-1212833 Datasheet
43Kb / 2P
Diagonal cutter - CUTFOX-SE LM
logo
Maxim Integrated Produc...
DS2119M MAXIM-DS2119M Datasheet
308Kb / 9P
Ultra3 LVD/SE SCSI Terminator
REV: 010406
logo
PHOENIX CONTACT
1088128 PHOENIX-1088128 Datasheet
397Kb / 16P
Communication module - AXL SE RS485
Dec 8, 2022
logo
Lapp.
52108000 LAPP-52108000 Datasheet
353Kb / 3P
SKINDICHT® SE-M
03.07.2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com