Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82C89 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 82C89
Description  CMOS Bus Arbiter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82C89 Datasheet(HTML) 1 Page - Renesas Technology Corp

  82C89 Datasheet HTML 1Page - Renesas Technology Corp 82C89 Datasheet HTML 2Page - Renesas Technology Corp 82C89 Datasheet HTML 3Page - Renesas Technology Corp 82C89 Datasheet HTML 4Page - Renesas Technology Corp 82C89 Datasheet HTML 5Page - Renesas Technology Corp 82C89 Datasheet HTML 6Page - Renesas Technology Corp 82C89 Datasheet HTML 7Page - Renesas Technology Corp 82C89 Datasheet HTML 8Page - Renesas Technology Corp 82C89 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FN2980 Rev 3.00
Page 1 of 14
September 4, 2015
FN2980
Rev 3.00
September 4, 2015
82C89
CMOS Bus Arbiter
DATASHEET
The Intersil 82C89 Bus Arbiter is manufactured using a self-
aligned silicon gate CMOS process (Scaled SAJI IV). This
circuit, along with the 82C88 bus controller, provides full bus
arbitration and control for multi-processor systems. The 82C89
is typically used in medium to large 80C86 or 80C88 systems
where access to the bus by several processors must be
coordinated. The 82C89 also provides high output current and
capacitive drive to eliminate the need for additional bus
buffering.
Static CMOS circuit design insures low operating power. The
advanced Intersil SAJI CMOS process results in
performance equal to or greater than existing equivalent
products at a significant power savings.
Features
• Pin Compatible with Bipolar 8289
• Performance Compatible with:
- 80C86/80C88 . . . . . . . . . . . . . . . . . . . . . . . . . (5/8MHz)
• Provides Multi-Master System Bus Control and
Arbitration
• Provides Simple Interface with 82C88/8288 Bus
Controller
• Synchronizes 80C86/8086, 80C88/8088 Processors with
Multi-Master Bus
• Bipolar Drive Capability
• Four Operating Modes for Flexible System Configuration
• Low Power Operation
- ICCSB. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10
A (Max)
- ICCOP . . . . . . . . . . . . . . . . . . . . . . . . . 1mA/MHz (Max)
• Operating Temperature Ranges
- C82C89 . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
- M82C89 . . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
• Pb-Free Plus Anneal Available (RoHS Compliant)
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
CP82C89
(No longer
available or
supported)
CP82C89
0 to +70
20 Ld PDIP
E20.3
CP82C89Z*
(Note) (No
longer
available or
supported)
CP82C89Z
0 to +70
20 Ld PDIP
(Pb-free)
E20.3
MD82C89/B MD82C89/B
-55 to +125 20 Ld CERDIP F20.3
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
Pinout
82C89 (PDIP, CERDIP)
TOP VIEW
11
12
13
14
15
16
17
18
19
20
10
9
8
7
6
5
4
3
2
1
VCC
CLK
ANYRQST
BUSY
CBRQ
AEN
CRQLCK
LOCK
S0
S1
GND
RESB
IOB
S2
BCLK
INIT
BREQ
BPRO
BPRN
SYSB/RESB


Similar Part No. - 82C89

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C89 INTERSIL-82C89 Datasheet
123Kb / 15P
CMOS Bus Arbiter
March 1997
82C89 INTERSIL-82C89 Datasheet
317Kb / 13P
CMOS Bus Arbiter
February 27, 2006
82C89 INTERSIL-82C89_06 Datasheet
317Kb / 13P
CMOS Bus Arbiter
February 27, 2006
More results

Similar Description - 82C89

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F786 PHILIPS-74F786 Datasheet
95Kb / 12P
4-bit asynchronous bus arbiter
1991 Feb 14
logo
Siemens Semiconductor G...
SAB82289 SIEMENS-SAB82289 Datasheet
949Kb / 34P
Bus Arbiter for SAB80286 Processors
logo
Intersil Corporation
82C89 INTERSIL-82C89 Datasheet
123Kb / 15P
CMOS Bus Arbiter
March 1997
logo
List of Unclassifed Man...
EP300 ETC-EP300 Datasheet
135Kb / 2P
EP300 PowerPC Bus Arbiter
logo
Intersil Corporation
82C89 INTERSIL-82C89_06 Datasheet
317Kb / 13P
CMOS Bus Arbiter
February 27, 2006
logo
Analog Microelectronics
AT123S AME-AT123S Datasheet
41Kb / 5P
PCI Arbiter
logo
Actel Corporation
A54SX16-2 ACTEL-A54SX16-2 Datasheet
75Kb / 4P
PCI Arbiter Core
EP300 ACTEL-EP300 Datasheet
74Kb / 2P
EP300 PowerPC Bus Arbiter
logo
Xilinx, Inc
DS495 XILINX-DS495 Datasheet
625Kb / 12P
PCI Arbiter
logo
Renesas Technology Corp
82C88 RENESAS-82C88 Datasheet
612Kb / 12P
CMOS Bus Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com