Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD27C64-150DI Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AMD27C64-150DI
Description  64 Kilobit (8,192 x 8-Bit) CMOS EPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD27C64-150DI Datasheet(HTML) 2 Page - Advanced Micro Devices

  AMD27C64-150DI Datasheet HTML 1Page - Advanced Micro Devices AMD27C64-150DI Datasheet HTML 2Page - Advanced Micro Devices AMD27C64-150DI Datasheet HTML 3Page - Advanced Micro Devices AMD27C64-150DI Datasheet HTML 4Page - Advanced Micro Devices AMD27C64-150DI Datasheet HTML 5Page - Advanced Micro Devices AMD27C64-150DI Datasheet HTML 6Page - Advanced Micro Devices AMD27C64-150DI Datasheet HTML 7Page - Advanced Micro Devices AMD27C64-150DI Datasheet HTML 8Page - Advanced Micro Devices AMD27C64-150DI Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AMD
2-11
Am27C64
PRODUCT SELECTOR GUIDE
Family Part No.
Am27C64
Ordering Part No:
VCC
± 5%
-255
VCC
± 10%
-45
-55
-70
-90
-120
-150
-200
Max Access Time (ns)
45
55
70
90
120
150
200
250
CE (E) Access Time (ns)
45
55
70
90
120
150
200
250
OE (G) Access Time (ns)
30
35
40
40
50
50
50
50
CONNECTION DIAGRAMS
Top View
DIP
Notes:
1. JEDEC nomenclature is in parentheses.
PLCC
VPP
VCC
A9
A11
A12
PGM (P)
A8
DQ7
1
3
5
7
9
11
12
10
2
4
8
6
13
14
28
26
24
22
20
18
17
19
27
25
21
23
16
15
A7
A6
A5
A4
A3
A2
A1
A0
VSS
DQ2
DQ1
DQ0
OE (G)
A10
CE (E)
DQ6
DQ5
DQ4
DQ3
NC
11419D-2
11419D-3
131 30
2
3
4
5
6
7
8
9
10
11
12
13
17 18 19 20
16
15
14
29
28
27
26
25
24
23
22
21
32
A6
A5
A4
A3
A2
A1
A0
NC
DQ0
A8
A9
A11
NC
OE (G)
A10
CE (E)
DQ7
DQ6
LOGIC SYMBOL
PIN DESIGNATIONS
A0–A12
=
Address Inputs
CE (E)
=
Chip Enable
DQ0–DQ7
=
Data Inputs/Outputs
OE (G)
=
Output Enable Input
PGM (P)
=
Program Enable Input
VCC
=VCC Supply Voltage
VPP
=
Program Voltage Input
VSS
=
Ground
NC
=
No Internal Connection
DU
=
No External Connection (Don’t Use)
11419D-4
CE (E)
OE (G)
DQ0–DQ7
A0–A12
13
8
PGM (P)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com