Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C13140 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C13140
Description  Universal road lighting (IESNA Type II medium) beam with excellent mixed illuminance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13140 Datasheet(HTML) 1 Page - Ledil, Inc.

  C13140 Datasheet HTML 1Page - Ledil, Inc. C13140 Datasheet HTML 2Page - Ledil, Inc. C13140 Datasheet HTML 3Page - Ledil, Inc. C13140 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
C13140_STRADA-T-6X1-DWC
STRADA-T-6X1-DWC
Universal road lighting (IESNA Type II medium)
beam with excellent mixed illuminance and
luminance
uniformity.
Optimized
for
Osram
Oslon Square.
TECHNICAL SPECIFICATIONS:
Dimensions
119.8 + 25.2 mm
Height
5.6 mm
Fastening
pin, glue, screw
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
9.7 kg
Quantity in Box
858 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-T-6X1-DWC
Lens array
PMMA
clear
Last update: 25/07/2013
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C13140

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C1310 VECTRON-C1310 Datasheet
217Kb / 7P
Typical Applications
C1310 VECTRON-C1310 Datasheet
192Kb / 5P
Surface Mount Package Reflow Process Compatible AT-Cut Crystal SONET Minimum Clock Specification
logo
General Cable Technolog...
C1310 GENERAL-C1310 Datasheet
73Kb / 1P
CONTROL CABLE
logo
Sumida Corporation
C13100 SUMIDA-C13100 Datasheet
152Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
logo
Ledil, Inc.
C13101 LEDIL-C13101 Datasheet
7Mb / 151P
Lena Reflector
More results

Similar Description - C13140

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN15189 LEDIL-FN15189 Datasheet
7Mb / 7P
Universal road lighting (IESNA Type II Medium) beam with excellent mixed illuminance and luminance uniformity
C12449 LEDIL-C12449 Datasheet
3Mb / 5P
Universal road lighting (IESNA Type II medium) beam with excellent mixed illuminance
CA13837 LEDIL-CA13837 Datasheet
4Mb / 5P
Universal road lighting beam with excellent mixed illuminance and luminance uniformity.
CS12862 LEDIL-CS12862_18 Datasheet
7Mb / 12P
Universal road lighting (IESNA Type II medium) beam with excellent mixed illuminance and luminance uniformity.
CS14145 LEDIL-CS14145_18 Datasheet
8Mb / 9P
Universal road lighting (typically IESNA Type III medium) beam with excellent mixed illuminance and luminance uniformity
CS13756 LEDIL-CS13756 Datasheet
3Mb / 6P
Universal road lighting (IESNA Type II medium) beam
C12362 LEDIL-C12362 Datasheet
5Mb / 26P
Universal road lighting beam with excellent mixed illuminance and luminance uniformity
CA12889 LEDIL-CA12889 Datasheet
1Mb / 8P
Universal road lighting beam with excellent mixed illuminance and luminance uniformity
CS16925 LEDIL-CS16925 Datasheet
3Mb / 7P
Universal road lighting beam with excellent mixed illuminance
FN14976 LEDIL-FN14976 Datasheet
7Mb / 15P
Universal road lighting (IESNA Type II Medium) beam
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com