Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C14502 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C14502
Description  IESNA Type II (medium) beam applicable for European P-class standard pedestrian lighting and M-class roads
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14502 Datasheet(HTML) 1 Page - Ledil, Inc.

  C14502 Datasheet HTML 1Page - Ledil, Inc. C14502 Datasheet HTML 2Page - Ledil, Inc. C14502 Datasheet HTML 3Page - Ledil, Inc. C14502 Datasheet HTML 4Page - Ledil, Inc. C14502 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
C14502_STRADELLA-T2
STRADELLA-T2
IESNA Type II (medium) beam applicable for
European P-class standard pedestrian lighting
and M-class roads
TECHNICAL SPECIFICATIONS:
Dimensions
13.9 x 13.9 mm
Height
5 mm
Fastening
glue, pin
Colour
clear
Box size
480 x 250 x 390 mm
Box weight
10.5 kg
Quantity in Box
16000 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADELLA-T2
Lens
PMMA
clear
Last update: 31/01/2017
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C14502

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C14501 LEDIL-C14501 Datasheet
4Mb / 6P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height
More results

Similar Description - C14502

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C15967 LEDIL-C15967 Datasheet
4Mb / 5P
IESNA Type II (medium) beam applicable for European P-class standard pedestrian lightingand M-class roads
CS16515 LEDIL-CS16515 Datasheet
2Mb / 4P
IESNA Type II (medium) beam, applicable for European P-class standard pedestrian lighting and M-class roads.
FN16356 LEDIL-FN16356 Datasheet
9Mb / 5P
IESNA Type II (medium) beam, applicable for European P-class standard pedestrian lighting and M-class roads
FN16478 LEDIL-FN16478 Datasheet
7Mb / 4P
IESNA Type II (medium) beam, applicable for European P-class standard pedestrian lighting and M-class roads. White version.
FP15589 LEDIL-FP15589 Datasheet
3Mb / 7P
IESNA Type II (medium) beam applicable for European P-class standard pedestrian lighting and M-class roads
C15034 LEDIL-C15034 Datasheet
6Mb / 10P
IESNA Type II (medium) beam applicable for European P-class standard pedestrian lighting and M-class roads
C15981 LEDIL-C15981 Datasheet
3Mb / 7P
IESNA Type II (medium) beam, applicable for European P-class standard pedestrian lighting and M-class roads
CA14323 LEDIL-CA14323 Datasheet
2Mb / 4P
IESNA Type ll (medium) beam, applicable for European P-class standard pedestrian lighting and M-class roads
CP16165 LEDIL-CP16165 Datasheet
3Mb / 5P
IESNA Type II (medium) beam applicable for European P-class standard pedestrian lighting and M-class roads
C14321 LEDIL-C14321 Datasheet
1Mb / 4P
IESNA Type ll (medium) beam, applicable for European P-class standard pedestrian
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com