Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C15246 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C15246
Description  ~60째 medium beam for industrial applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C15246 Datasheet(HTML) 1 Page - Ledil, Inc.

  C15246 Datasheet HTML 1Page - Ledil, Inc. C15246 Datasheet HTML 2Page - Ledil, Inc. C15246 Datasheet HTML 3Page - Ledil, Inc. C15246 Datasheet HTML 4Page - Ledil, Inc. C15246 Datasheet HTML 5Page - Ledil, Inc. C15246 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
C15246_STRADELLA-HB-M
STRADELLA-HB-M
~60° medium beam for industrial applications
TECHNICAL SPECIFICATIONS:
Dimensions
13.9+13.9 mm
Height
5.7 mm
Fastening
pin
Colour
clear
Box size
480 x 250 x 390 mm
Box weight
0 kg
Quantity in Box
24000 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADELLA-HB-M
Lens array
PMMA
clear
Last update: 25/05/2018
Subject to change without prior notice
1/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C15246

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C15245 LEDIL-C15245 Datasheet
3Mb / 6P
~25째 spot beam for industrial applications
C15247 LEDIL-C15247 Datasheet
2Mb / 5P
~90째 wide beam for industrial applications
More results

Similar Description - C15246

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN14828 LEDIL-FN14828 Datasheet
7Mb / 11P
~60째 medium beam
C15184 LEDIL-C15184 Datasheet
5Mb / 8P
~60째 medium beam for industrial applications
C15431 LEDIL-C15431 Datasheet
8Mb / 6P
~60째 medium beam for industrial applications
C15984 LEDIL-C15984 Datasheet
3Mb / 6P
~65째 medium beam for industrial applications.
C17265 LEDIL-C17265 Datasheet
2Mb / 3P
~60째 medium beam for industrial applications. Variant made from PC.
C16597 LEDIL-C16597 Datasheet
7Mb / 6P
~60째 medium beam for industrial applications
C16799 LEDIL-C16799 Datasheet
3Mb / 6P
~90째 medium beam for industrial applications.
C16041 LEDIL-C16041 Datasheet
2Mb / 4P
~60째 medium beam for industrial applications.
C16800 LEDIL-C16800 Datasheet
2Mb / 4P
~60째 medium beam for industrial applications
F14468 LEDIL-F14468 Datasheet
6Mb / 11P
~60째 110째 medium beam
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com