Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2125CS Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # EL2125CS
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2125CS Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button EL2125CS Datasheet HTML 4Page - Renesas Technology Corp EL2125CS Datasheet HTML 5Page - Renesas Technology Corp EL2125CS Datasheet HTML 6Page - Renesas Technology Corp EL2125CS Datasheet HTML 7Page - Renesas Technology Corp EL2125CS Datasheet HTML 8Page - Renesas Technology Corp EL2125CS Datasheet HTML 9Page - Renesas Technology Corp EL2125CS Datasheet HTML 10Page - Renesas Technology Corp EL2125CS Datasheet HTML 11Page - Renesas Technology Corp EL2125CS Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
EL2125
FN7045 Rev 3.00
Page 8 of 16
May 4, 2007
FIGURE 23. 1MHz HARMONIC DISTORTION vs OUTPUT
SWING
FIGURE 24. 1MHz HARMONIC DISTORTION vs OUTPUT
SWING
FIGURE 25. TOTAL HARMONIC DISTORTION vs FREQUENCY
FIGURE 26. VOLTAGE AND CURRENT NOISE vs FREQUENCY
FIGURE 27. SETTLING TIME vs ACCURACY
FIGURE 28. GROUP DELAY
Typical Performance Curves (Continued)
-40
-50
-60
-70
-90
-100
-110
06
7
VOUT (VPP)
45
23
1
-80
VS = ±5V
RF = 180
AV = 10
RL = 500
2ND HD
3RD HD
-30
-40
-60
-80
-90
-100
-110
05
25
VOUT (VPP)
VS = ±15V
RF = 180
AV = 10
RL = 500
10
15
20
-50
-70
2ND HD
3RD HD
-30
-60
-80
-90
1K
10K
100M
FREQUENCY (Hz)
VS = ±5V
VO = 2VPP
AV = 10
RF = 180
RL = 500
100K
1M
10M
-40
-50
-70
100
10
1
0.1
10
100
1K
10K
100K
FREQUENCY (Hz)
IN, VS = ±5V
IN, VS = ±15V
VN, VS = ±5V
VN, VS = ±15V
60
50
40
30
20
10
0
0.1
1
10
ACCURACY (%)
VS = ±15V
VO = 5VPP
VS = ±5V
VO = 5VPP
VS = ±15V
VO = 2VPP
VS = ±5V
VO = 2VPP
-6
14
1
400
FREQUENCY (MHz)
2
10
6
-2
10
100
AV = 20
AV = 10
VS = ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com