Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2126CS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL2126CS
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2126CS Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL2126CS Datasheet HTML 1Page - Renesas Technology Corp EL2126CS Datasheet HTML 2Page - Renesas Technology Corp EL2126CS Datasheet HTML 3Page - Renesas Technology Corp EL2126CS Datasheet HTML 4Page - Renesas Technology Corp EL2126CS Datasheet HTML 5Page - Renesas Technology Corp EL2126CS Datasheet HTML 6Page - Renesas Technology Corp EL2126CS Datasheet HTML 7Page - Renesas Technology Corp EL2126CS Datasheet HTML 8Page - Renesas Technology Corp EL2126CS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
EL2126
FN7046 Rev 4.00
Page 3 of 19
May 2, 2007
Absolute Maximum Ratings
Thermal Information
VS+ to VS-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .33V
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 40mA
Any Input . . . . . . . . . . . . . . . . . . . . . . . . . . . VS+ -0.3V to VS- +0.3V
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-60°C to +150°C
Maximum Die Junction Temperature . . . . . . . . . . . . . . . . . . . +150°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = +5V, VS- = -5V, TA = +25°C, RF = 180, RG = 20, RL = 500 Unless Otherwise Specified.
Parameter
Description
Conditions
Min
Typ
Max
Unit
DC PERFORMANCE
VOS
Input Offset Voltage (SO8)
0.2
2
mV
Input Offset Voltage (SOT23-5)
3mV
TCVOS
Offset Voltage Temperature
Coefficient
17
µV/°C
IB
Input Bias Current
-10
-7
µA
IOS
Input Bias Current Offset
0.06
0.6
µA
TCIB
Input Bias Current Temperature
Coefficient
0.013
µA/°C
CIN
Input Capacitance
2.2
pF
AVOL
Open Loop Gain
VO = -2.5V to +2.5V
80
87
dB
PSRR
Power Supply Rejection Ratio
(Note 1)
80
100
dB
CMRR
Common Mode Rejection Ratio
at CMIR
75
106
dB
CMIR
Common Mode Input Range
-4.6
3.8
V
VOUTH
Positive Output Voltage Swing
No load, RF = 1k
3.8
3.8
V
VOUTL
Negative Output Voltage Swing
No load, RF = 1k
-4
-3.9
V
VOUTH2
Positive Output Voltage Swing
RL = 100
3.2
3.45
V
VOUTL2
Negative Output Voltage Swing
RL = 100
-3.5
-3.2
V
IOUT
Output Short Circuit Current
(Note 2)
80
100
mA
ISY
Supply Current
4.7
5.5
mA
AC PERFORMANCE - RG = 20, CL = 3pF
BW
-3dB Bandwidth, RL = 500
100
MHz
BW ±0.1dB
±0.1dB Bandwidth, RL = 500
17
MHz
BW ±1dB
±1dB Bandwidth, RL = 500
80
MHz
Peaking
Peaking, RL = 500
0.6
dB
SR
Slew Rate
VOUT = 2VP-P, measured at 20% to 80%
80
110
V/µs
OS
Overshoot, 4VP-P Output Square
Wave
Positive
2.8
%
Negative
-7
%
tS
Settling Time to 0.1% of ±1V Pulse
51
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com