Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2227CS Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # EL2227CS
Description  Dual, Very Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2227CS Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button EL2227CS Datasheet HTML 6Page - Renesas Technology Corp EL2227CS Datasheet HTML 7Page - Renesas Technology Corp EL2227CS Datasheet HTML 8Page - Renesas Technology Corp EL2227CS Datasheet HTML 9Page - Renesas Technology Corp EL2227CS Datasheet HTML 10Page - Renesas Technology Corp EL2227CS Datasheet HTML 11Page - Renesas Technology Corp EL2227CS Datasheet HTML 12Page - Renesas Technology Corp EL2227CS Datasheet HTML 13Page - Renesas Technology Corp EL2227CS Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
EL2227
FN7058 Rev 4.00
Page 10 of 14
September 14 ,2010
FIGURE 37. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
Typical Performance Curves (Continued)
0.9
0.8
0.6
0.4
0.2
0
0100
AMBIENT TEMPERATURE (°C)
150
25
125
75
50
0.7
0.5
0.3
0.1
85
781m
607m
JA =
+16
0°C
/W
JA =
+20
6°C
/W
SO
8
MS
OP8
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
Pin Descriptions
EL2227CY
8 Ld MSOP
EL2227CS
8 Ld SOIC
PIN
NAME
PIN
FUNCTION
EQUIVALENT CIRCUIT
11
VOUTA
Output
Circuit 1
22
VINA-
Input
Circuit 2
33
VINA+
Input
Reference Circuit 2
44
VS-
Supply
55
VINB+
Input
66
VINB-
Input
Reference Circuit 2
77
VOUTB
Output
Reference Circuit 1
88
VS+
Supply
VOUT
VS+
VIN-
VIN+
VS+
VS-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com