Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2244CS Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # EL2244CS
Description  Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2244CS Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL2244CS Datasheet HTML 1Page - Renesas Technology Corp EL2244CS Datasheet HTML 2Page - Renesas Technology Corp EL2244CS Datasheet HTML 3Page - Renesas Technology Corp EL2244CS Datasheet HTML 4Page - Renesas Technology Corp EL2244CS Datasheet HTML 5Page - Renesas Technology Corp EL2244CS Datasheet HTML 6Page - Renesas Technology Corp EL2244CS Datasheet HTML 7Page - Renesas Technology Corp EL2244CS Datasheet HTML 8Page - Renesas Technology Corp EL2244CS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
EL2244, EL2444
FN7059 Rev 2.00
Page 4 of 11
May 16, 2005
IS
Supply Current
(per amplifier)
VS = ±15V, no load
25°C
5.2
7
mA
TMIN
7.6
mA
TMAX
7.6
mA
VS = ±5V, no load
25°C
5.0
mA
RIN
Input Resistance
Differential
25°C
150
k
Common-mode
25°C
15
M
CIN
Input Capacitance
AV = +1 @10MHz
25°C
1.0
pF
ROUT
Output Resistance
AV = +1
25°C
50
m
PSOR
Power-Supply Operating
Range
Dual-supply
25°C
±2.0
±18.0
V
Single-supply
25°C
2.5
36.0
V
NOTE:
1. Measured from TMIN to TMAX.
DC Electrical Specifications
VS = ±15V, RL = 1k, unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITION
TEMP
MIN
TYP
MAX
UNIT
Closed-Loop AC Electrical Specifications VS = ±15V, AV = +1, RL = 1k, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
TEMP
MIN
TYP
MAX
UNIT
BW
-3dB Bandwidth
(VOUT = 0.4VPP)
VS = ±15V, AV = +1
25°C
120
MHz
VS = ±15V, AV = -1
25°C
60
MHz
VS = ±15V, AV = +2
25°C
60
MHz
VS = ±15V, AV = +5
25°C
12
MHz
VS = ±15V, AV = +10
25°C
6
MHz
VS = ±5V, AV = +1
25°C
80
MHz
GBWP
Gain-Bandwidth Product
VS = ±15V
25°C
60
MHz
VS = ±5V
25°C
45
MHz
PM
Phase Margin
RL = 1k, CL = 10pF
25°C
50
°
CS
Channel Separation
f = 5MHz
25°C
85
dB
SR
Slew Rate (Note 1)
VS = ±15V, RL = 1k
25°C
250
325
V/µs
VS = ±5V, RL = 500
25°C
200
V/µs
FPBW
Full-Power Bandwidth
(Note 2)
VS = ±15V
25°C
4.0
5.2
MHz
VS = ±5V
25°C
12.7
MHz
tR, tF
Rise Time, Fall Time
0.1V step
25°C
3.0
ns
OS
Overshoot
0.1V step
25°C
20
%
tPD
Propagation Delay
25°C
2.5
ns
tS
Settling to +0.1% (AV = +1)
VS = ±15V, 10V step
25°C
80
ns
VS = ±5V, 5V step
25°C
60
ns
dG
Differential Gain (Note 3)
NTSC/PAL
25°C
0.04
%
dP
Differential Phase (Note 3)
NTSC/PAL
25°C
0.15
°
eN
Input Noise Voltage
10kHz
25°C
15.0
nV/
Hz
iN
Input Noise Current
10kHz
25°C
1.50
pA/
Hz
NOTES:
1. Slew rate is measured on rising edge
2. For VS = ±15V, VOUT = 20VPP. For VS = ±5V, VOUT = 5VPP. Full-power bandwidth is based on slew rate measurement using: FPBW = SR /
(2
 * Vpeak).
3. Video performance measured at VS = ±15V, AV = +2 with 2 times normal video level across RL = 150. This corresponds to standard video
levels across a back-terminated 75
 load. For other values of RL, see curves.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com