Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2276CS Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # EL2276CS
Description  70MHz/1mA Current Mode Feedback Amp w/Disable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2276CS Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button EL2276CS Datasheet HTML 2Page - Renesas Technology Corp EL2276CS Datasheet HTML 3Page - Renesas Technology Corp EL2276CS Datasheet HTML 4Page - Renesas Technology Corp EL2276CS Datasheet HTML 5Page - Renesas Technology Corp EL2276CS Datasheet HTML 6Page - Renesas Technology Corp EL2276CS Datasheet HTML 7Page - Renesas Technology Corp EL2276CS Datasheet HTML 8Page - Renesas Technology Corp EL2276CS Datasheet HTML 9Page - Renesas Technology Corp EL2276CS Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
E L2276
FN7054 Rev 1.00
Page 6 of 14
May 6, 2005
Typical Performance Curves (Continued)
Voltage and Current
Noise vs Frequency
2nd and 3rd Harmonic
Distortion vs Frequency
Output Voltage
vs Frequency
Output Voltage Swing
vs Supply Voltage
-3dB Bandwidth and Peaking
vs Supply Voltage for
Various Inverting Gains
-3dB Bandwidth and Peaking
vs Supply Voltage for
Various Non-Inverting Gains
Supply Current vs Supply
Voltage
Common-Mode Input Range
vs Supply Voltage
Slew Rate vs
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com