Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4332CSZ Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # EL4332CSZ
Description  Triple 2:1 300MHz Mux-Amp AV = 2
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4332CSZ Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button EL4332CSZ Datasheet HTML 5Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 6Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 7Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 8Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 9Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 10Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 11Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 12Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
EL4332
FN7163 Rev 2.00
Page 9 of 15
October 4, 2004
Logic Inputs
The A/B select, logic input, is internally referenced to ground. It
is set at 2 diode drops above ground, to give a threshold of
about 1.4V (see Figure 27). The PNP input transistor requires
that the driving gate be able to sink current, typically < 30µA,
for a logic “low”. If left to float, it will be a logic “high”.
The input PNP transistors have sufficient gain that a simple
level shift circuit (see Figure 28) can be used to provide a
simple interface with Emitter Coupled Logic. Typically, 200mV
is enough to switch from a solid logic “low” to a “high.”
The capacitor CFF is only in the network to prevent the A/B
pin’s capacitance from slowing the control signal. The network
shown level shifts the ECL levels, -0.7V to -1.5V to +1.6V and
+1.1V respectively. The terminating resistor, RTT, is required
since the open emitter of the ECL gate can not sink current. If a
-2V rail is not being used, a 220
 to 330 resistor to the -5.2V
rail would have the same effect.
FIGURE 27. SIMPLIFIED LOGIC INPUT STAGE
FIGURE 28. ADAPTING THE SELECT PIN
FOR ECL LOGIC LEVELS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com