Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4501 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # EL4501
Description  Video Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4501 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button EL4501 Datasheet HTML 9Page - Renesas Technology Corp EL4501 Datasheet HTML 10Page - Renesas Technology Corp EL4501 Datasheet HTML 11Page - Renesas Technology Corp EL4501 Datasheet HTML 12Page - Renesas Technology Corp EL4501 Datasheet HTML 13Page - Renesas Technology Corp EL4501 Datasheet HTML 14Page - Renesas Technology Corp EL4501 Datasheet HTML 15Page - Renesas Technology Corp EL4501 Datasheet HTML 16Page - Renesas Technology Corp EL4501 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
EL4501
FN7327 Rev 3.00
Page 13 of 20
November 12, 2010
8
FSEL
Input
Enable/bypass internal brick wall filter; a logic high is
used to enable the filter; a logic low to disable it
CIRCUIT 6
9
SYNC IN
Input
Input to the sync separator; connects to the video
source via a coupling capacitor or to a color burst input
filter
CIRCUIT 7
10
LOS
Output
Loss of signal output; goes high if no input video signal
is detected
CIRCUIT 8
11
COMPOSITE
Output
Composite sync output
Reference circuit 8
12
HORIZONTAL
Output
Horizontal sync output
Reference circuit 8
13
VERTICAL
Output
Vertical sync output
Reference circuit 8
14
ODD/EVEN
Output
Odd/even field indicator output
Reference circuit 8
15
BACK PORCH
Output
Back porch output
Reference circuit 8
16
SLICE MODE
Input
Low = 50% slicing level; high = 70mV fixed slicing level Reference circuit 8
17
SYNC AMP
Output
Amplitude of sync tip; can be used to control AGC
circuit
CIRCUIT 9
18
VSD
Input
Digital power supply; nominally +5V
CIRCUIT 10
19
VS
Input
Analog power supply; nominally +5V
Reference circuit 10
Pin Descriptions
PIN
NUMBER
PIN NAME
PIN TYPE
PIN DESCRIPTION
EQUIVALENT CIRCUIT
VD
GND
VD
GND
GND
VS
VS
GND
GND
VSD
VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com