Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB-ASG101-2000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EB-ASG101-2000
Description  DC-3000 MHz SiGe HBT Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EB-ASG101-2000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EB-ASG101-2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers EB-ASG101-2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers EB-ASG101-2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers EB-ASG101-2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers EB-ASG101-2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers EB-ASG101-2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
www.ASB.co.kr
March. 2004
Parameters
Units
Min.
Typ.
Max.
Frequency Range
MHz
250 - 2500
Gain
dB
22
Input VSWR
-
1.5
Output VSWR
-
1.5
Output IP3
2)
dBm
28
31
33
Noise Figure
dB
3.0
Output P1dB
dBm
18
Supply Current
mA
40
55
75
Supply Voltage
V
4.5
Thermal Resistance, Rth
4)
°C/W
99.6
1) Measurement conditions are as follows: T = 25
°C, Vs = 4.5 V, Freq. = 900 MHz, 50 ohm system.
2) S11 & S22 can be improved, at a specific frequency, by moving an input shunt capacitor (C2) along an input transmission line.
3) OIP3 is measured with two tones at an output power of +5 dBm/tone separated by 1 MHz.
4) The thermal resistance was determined at a DC power of 0.243 W (VCC=4.5 V, IC=54 mA) with RF signal and a lead temperature
of 90.3
°C.
Parameters
Rating
Remarks
Operating Case Temperature
-40 to
+ 85°C
Storage Temperature
-40 to
+ 150°C
Supply Voltage
6 V
Input RF Power (continuous)
+6 dB above Input P1dB
Application circuit for 900 MHz
Application circuit for 2 GHz
Part Number
Description
ASG101
High linearity medium power amplifier
(Available in tape and reel)
EB-ASG101-900
Fully assembled evaluation kit (900 MHz)
EB-ASG101-2000
Fully assembled evaluation kit (2000 MHz)
·
SiGe Technology
·
22 dB Gain at 900 MHz
·
+18 dBm P1dB
·
+31 dBm Output IP3
·
3.0 dB Noise Figure
·
Single +4.5 V Supply
·
SOT-89 Surface Mount Package
Features
Description
Package Style: SOT-89
Specifications 1)
Applications
Absolute Maximum Ratings
ASG101
DC-3000 MHz SiGe HBT Amplifier
The ASG101 is designed for high linearity, high
gain, and low noise over a wide range of fre-
quency, being suitable for use in both receiver
and transmitter of wireless and wireline telecom-
munication systems. The product is manufactured
using a state-of-the-art SiGe HBT process of the
company's own, making it cost-effective and
highly reliable. The amplifiers are available in
a low cost SOT-89 package completing stringent
DC and RF tests.
·
CDMA, GSM, W-CDMA, PCS
·
PA Driver Amplifier
·
Gain Block
·
CATV Amplifier
·
IF Amplifier
Ordering Information
Application Note
Website: www.asb.co.kr
E-mail: sales@asb.co.kr
Tel: (82) 42-528-7220
Fax: (82) 42-528-7222
ASB Inc., 4th Fl. Venture Town
Bldg., 367-17 Goijeong-Dong,
Seo-Gu, Daejon 302-716, Korea
More Information


Similar Part No. - EB-ASG101-2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EB-ASG304-1750 ETC-EB-ASG304-1750 Datasheet
686Kb / 8P
DC-2000 MHz SiGe HBT Amplifier
EB-ASG304-2000 ETC-EB-ASG304-2000 Datasheet
686Kb / 8P
DC-2000 MHz SiGe HBT Amplifier
EB-ASG304-900 ETC-EB-ASG304-900 Datasheet
686Kb / 8P
DC-2000 MHz SiGe HBT Amplifier
EB-ASG304-CATV ETC-EB-ASG304-CATV Datasheet
686Kb / 8P
DC-2000 MHz SiGe HBT Amplifier
EB-ASG304-IF ETC-EB-ASG304-IF Datasheet
686Kb / 8P
DC-2000 MHz SiGe HBT Amplifier
More results

Similar Description - EB-ASG101-2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASG304 ETC-ASG304 Datasheet
686Kb / 8P
DC-2000 MHz SiGe HBT Amplifier
ASG303 ETC-ASG303 Datasheet
187Kb / 6P
DC-2500 MHz SiGe HBT Amplifier
ASG402 ETC1-ASG402 Datasheet
260Kb / 7P
DC-3000 MHz SiGe HBT Amplifier
logo
Stanford Microdevices
SGA-6386 STANFORD-SGA-6386 Datasheet
262Kb / 4P
DC-3000 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
Advanced Semiconductor ...
ASG330 ASB-ASG330 Datasheet
389Kb / 9P
DC-2500 MHz SiGe HBT Amplifier
November 2007
logo
TriQuint Semiconductor
QPA5263A TRIQUINT-QPA5263A Datasheet
712Kb / 7P
DC - 4500 MHz Cascadable SiGe HBT Amplifier
logo
Qorvo, Inc
QPA4586A QORVO-QPA4586A Datasheet
693Kb / 9P
DC ??4000 MHz Cascadable SiGe HBT Amplifier
QPA0363A QORVO-QPA0363A Datasheet
880Kb / 7P
DC ??5000 MHz Cascadable SiGe HBT Amplifier
QPA4463A QORVO-QPA4463A Datasheet
865Kb / 7P
DC ??3500 MHz Cascadable SiGe HBT Amplifier
October 27, 2017
QPA4263A QORVO-QPA4263A Datasheet
889Kb / 7P
DC – 3500 MHz Cascadable SiGe HBT Amplifier
Sept. 26, 2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com