Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMF3170 Datasheet(PDF) 1 Page - ON Semiconductor

Part # FDMF3170
Description  Smart Power Stage (SPS) Modules
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF3170 Datasheet(HTML) 1 Page - ON Semiconductor

  FDMF3170 Datasheet HTML 1Page - ON Semiconductor FDMF3170 Datasheet HTML 2Page - ON Semiconductor FDMF3170 Datasheet HTML 3Page - ON Semiconductor FDMF3170 Datasheet HTML 4Page - ON Semiconductor FDMF3170 Datasheet HTML 5Page - ON Semiconductor FDMF3170 Datasheet HTML 6Page - ON Semiconductor FDMF3170 Datasheet HTML 7Page - ON Semiconductor FDMF3170 Datasheet HTML 8Page - ON Semiconductor FDMF3170 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
November 2016
© 2016 Semiconductor Components Industries, LLC
www.onsemi.com
FDMF3170
Rev. 1.2
FDMF3170
Smart Power Stage (SPS) Modules with Integrated
Current and Temperature Monitors
Features
Up to 70 A of Current Handling Capability
High-Performance, Universal Footprint, Copper-Clip
5 mm x 6 mm PQFN Package
Fairchild’s PowerTrench® MOSFETs for Clean
Voltage Waveforms and Reduced Ringing
30 V / 25 V Breakdown Voltage MOSFETs for
Higher Long Term Reliability
Optimized FET Pair for Highest Efficiency at
10% ~ 15 % Duty Cycle
Optimized for Switching Frequencies up to 1 MHz
Integrated Current Monitor Compliant with Intel’s
VR13 Accuracy Requirements
Integrated Temperature Monitor (TMON)
Catastrophic Fault Detection
- Thermal Flag (OTP) for Over-Temperature
Condition
- Over-Current Protection FAULT (OCP)
- High-Side Short Detect FAULT
- Under-Voltage Lockout (UVLO) on VCC and
PVCC
Fairchild Green Packaging and RoHS Compliance
Applications
CPU and Memory Voltage Regulators in VR13
Purley Systems
High-Current Utility Rails in Server Systems
Communications Infrastructure Systems
Description
The FDMF3170 is ON
’s next generation of Smart Power
Stage (SPS) solutions with fully optimized, ultra-
compact, integrated MOSFETs plus driver for high-
current, high frequency, and synchronous buck DC-DC
converters.
With an integrated approach, the SPS switching power
stage is optimized for driver and MOSFET dynamic
performance, minimized system inductance, and power
MOSFET RDS(ON).
The integration of Power MOSFETs with a driver IC also
enables advanced high accuracy module thermal and
current monitoring. The FDMF3170 provides an output
signal (IMON), which reports the real-time module
current. IMON is a very accurate, 5 µA/A signal
representing the real time Power MOSFET drain
currents. The IMON signal can be used to replace
output filter inductor DCR current sense or resistor
sense methods.
The FDMF3170 also includes very accurate module
thermal monitor (TMON). TMON is a voltage sourced
PTAT signal that is calibrated to provide a 0.8 V output
at 25°C with an 8 mV / °C slope.
Ordering Information
Part Number
Rated Output
Current
Operating Junction
Temperature Range
Package
FDMF3170
70 A
-40°C to 125°C
39-Lead, NON-JEDEC, Smart Power Stage
5 mm x 6 mm, 0.45 mm Pitch (PQFN) Package


Similar Part No. - FDMF3170

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMF3172 ONSEMI-FDMF3172 Datasheet
851Kb / 21P
Smart Power Stage (SPS) Modules
December 2016 Rev. 1.0
More results

Similar Description - FDMF3170

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMF3035 ONSEMI-FDMF3035 Datasheet
1Mb / 21P
Smart Power Stage (SPS) Module
November-2017, Rev. 2
FDMF3033 ONSEMI-FDMF3033 Datasheet
1Mb / 22P
Smart Power Stage (SPS) Module
February 2016 Rev. 1.0
FDMF301155 ONSEMI-FDMF301155 Datasheet
888Kb / 22P
Smart Power Stage (SPS) Module
November 2016 Rev. 1.0
FDMF3039 ONSEMI-FDMF3039 Datasheet
970Kb / 22P
Smart Power Stage (SPS) Module
August 2017 Rev. 2
FDMF5821DC ONSEMI-FDMF5821DC Datasheet
1Mb / 25P
Smart Power Stage (SPS) Module
October-2017, Rev. 2
FDMF5823DC ONSEMI-FDMF5823DC Datasheet
1Mb / 26P
Smart Power Stage (SPS) Module
Rev. 1.9
FDMF5833 ONSEMI-FDMF5833 Datasheet
2Mb / 25P
Smart Power Stage (SPS) Module
October-2017, Rev. 2
FDMF5839 ONSEMI-FDMF5839 Datasheet
1Mb / 30P
Smart Power Stage (SPS) Module
Rev. 1.9
FDMF3172 ONSEMI-FDMF3172 Datasheet
851Kb / 21P
Smart Power Stage (SPS) Modules
December 2016 Rev. 1.0
FDMF3180 ONSEMI-FDMF3180 Datasheet
254Kb / 4P
Smart Power Stage (SPS) Module
November 2016 Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com