Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMS-2H Datasheet(PDF) 2 Page - Mini-Circuits

Part # RMS-2H
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RMS-2H Datasheet(HTML) 2 Page - Mini-Circuits

  RMS-2H Datasheet HTML 1Page - Mini-Circuits RMS-2H Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
5.00
35.00
7.85
66.33
72.89
1.54
1.95
10.00
40.00
7.64
63.63
68.70
1.49
1.85
20.00
50.00
7.69
58.93
63.79
1.47
1.79
50.00
80.00
7.55
52.00
56.89
1.45
1.91
95.45
65.45
7.54
46.41
50.84
1.44
1.79
100.00
70.00
7.53
46.04
50.67
1.43
1.79
185.91
155.91
7.51
40.70
46.79
1.43
1.69
200.00
170.00
7.37
40.02
46.99
1.42
1.68
276.36
246.36
7.35
37.35
44.46
1.40
1.56
366.82
336.82
7.22
35.28
42.69
1.34
1.47
457.27
427.27
7.11
33.66
39.45
1.25
1.36
487.42
457.42
7.17
33.17
37.61
1.24
1.34
500.00
470.00
7.07
33.04
37.36
1.21
1.34
547.73
517.73
7.11
32.95
35.68
1.11
1.28
638.18
608.18
7.46
32.78
31.60
1.06
1.29
728.64
698.64
7.45
31.90
30.61
1.27
1.46
819.09
789.09
7.76
30.74
28.78
1.54
1.81
909.55
879.55
8.24
29.67
27.10
1.90
2.21
969.85
939.85
8.54
29.46
25.48
2.06
2.34
1000.00
970.00
8.75
29.31
24.84
2.10
2.40
Performance Charts
RMS-2H
CONVERSION LOSS
5.0
6.0
7.0
8.0
9.0
10.0
5
204
403
602
801
1000
FREQUENCY (MHz)
LO=+14 dBm
LO=+17 dBm
LO=+20 dBm
at IF Freq of 30 MHz
RMS-2H
L-R ISOLATION
10
20
30
40
50
60
70
80
90
100
5
204
403
602
801
1000
FREQUENCY (MHz)
LO=+14 dBm
LO=+17 dBm
LO=+20 dBm
RMS-2H
RF VSWR
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
5
204
403
602
801
1000
FREQUENCY (MHz)
LO=+14 dBm
LO=+17 dBm
LO=+20 dBm
RMS-2H
L-I ISOLATION
0
10
20
30
40
50
60
70
80
5
204
403
602
801
1000
FREQUENCY (MHz)
LO=+14 dBm
LO=+17 dBm
LO=+20 dBm
RMS-2H
LO VSWR
1.0
1.5
2.0
2.5
3.0
3.5
4.0
5
204
403
602
801
1000
FREQUENCY (MHz)
LO=+14 dBm
LO=+17 dBm
LO=+20 dBm
RMS-2H
IF VSWR
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
300
600
900
FREQUENCY (MHz)
LO=+14 dBm
LO=+17 dBm
LO=+20 dBm
RMS-2H+



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com