Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIM-83LH Datasheet(PDF) 2 Page - Mini-Circuits

Part # SIM-83LH
Description  Frequency Mixer wide band
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SIM-83LH Datasheet(HTML) 2 Page - Mini-Circuits

  SIM-83LH Datasheet HTML 1Page - Mini-Circuits SIM-83LH Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Performance Charts
SIM-83LH+
CONVERSION LOSS
5.0
6.0
7.0
8.0
9.0
1700
3275
4850
6425
8000
FREQUENCY (MHz)
LO=+7 dBm
LO=+10 dBm
LO=+13 dBm
at IF=31 MHz
SIM-83LH+
L-R ISOLATION
15
20
25
30
35
40
45
1700
3275
4850
6425
8000
FREQUENCY (MHz)
LO=+7 dBm
LO=+10 dBm
LO=+13 dBm
SIM-83LH+
RF VSWR
1.0
2.0
3.0
4.0
5.0
1700
3275
4850
6425
8000
FREQUENCY (MHz)
LO=+7 dBm
LO=+10 dBm
LO=+13 dBm
SIM-83LH+
SIM-83LH+
IF VSWR
1.0
2.0
3.0
4.0
0
500
1000
1500
2000
2500
3000
IF FREQUENCY (MHz)
LO=+7 dBm
LO=+10 dBm
LO=+13 dBm
SIM-83LH+
CONVERSION LOSS VARIABLE IF
5
6
7
8
9
10
11
0
500
1000
1500
2000
2500
3000
IF FREQUENCY (MHz)
LO=+7 dBm
LO=+10 dBm
LO=+13 dBm
LO=4000 MHz
SIM-83LH+
L-I ISOLATION
10
15
20
25
30
35
40
1700
3275
4850
6425
8000
FREQUENCY (MHz)
LO=+7 dBm
LO=+10 dBm
LO=+13 dBm
SIM-83LH+
LO VSWR
1.0
3.0
5.0
7.0
9.0
11.0
1700
3275
4850
6425
8000
FREQUENCY (MHz)
LO=+7 dBm
LO=+10 dBm
LO=+13 dBm
SIM-83LH+
IP3
5
10
15
20
25
2500
3600
4700
5800
6900
8000
FREQUENCY (MHz)
LO=+7 dBm
LO=+10 dBm
LO=+13 dBm
at IF=31 MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com