Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5244CS Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # EL5244CS
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5244CS Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button EL5244CS Datasheet HTML 4Page - Renesas Technology Corp EL5244CS Datasheet HTML 5Page - Renesas Technology Corp EL5244CS Datasheet HTML 6Page - Renesas Technology Corp EL5244CS Datasheet HTML 7Page - Renesas Technology Corp EL5244CS Datasheet HTML 8Page - Renesas Technology Corp EL5244CS Datasheet HTML 9Page - Renesas Technology Corp EL5244CS Datasheet HTML 10Page - Renesas Technology Corp EL5244CS Datasheet HTML 11Page - Renesas Technology Corp EL5244CS Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
EL5144, EL5146, EL5244, EL5246, EL5444
FN7177 Rev 2.00
Page 8 of 24
March 31, 2011
FIGURE 9. FREQUENCY RESPONSE FOR VARIOUS RF AND
RG
FIGURE 10. GROUP DELAY vs FREQUENCY
FIGURE 11. OPEN LOOP GAIN AND PHASE vs FREQUENCY
FIGURE 12. OPEN LOOP VOLTAGE GAIN vs DIE
TEMPERATURE
FIGURE 13. VOLTAGE NOISE vs FREQUENCY - VIDEO AMP
FIGURE 14. CLOSED LOOP OUTPUT IMPEDANCE vs
FREQUENCY
Typical Performance Curves
RF = RG = 2k
RF = RG = 560
1M
10M
FREQUENCY (Hz)
100M
0
2
-4
-2
-6
VCM = 1.5V
RL = 150
AV = 2
RF = RG = 1k
AV = 2
RF = 1k
AV = 1
RF = 1
1M
10M
FREQUENCY (Hz)
100M
6
8
2
4
0
10
90
45
180
135
225
0
60
80
20
40
0
1k
1M
FREQUENCY (Hz)
100M
10k
10M
100k
RL = 1k
RL = 150
PHASE
GAIN
RL = 150
NO LOAD
60
70
40
50
30
80
-55
65
DIE TEMPERATURE (°C)
145
-15
105
25
10k
1k
100
10
10
100
10k
100M
FREQUENCY (Hz)
1M
1k
100k
10M
20
2
0.2
200
10k
10M
FREQUENCY (Hz)
100M
100k
1M
RF = 0
AV = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com