Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5246CSZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # EL5246CSZ
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5246CSZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button EL5246CSZ Datasheet HTML 6Page - Renesas Technology Corp EL5246CSZ Datasheet HTML 7Page - Renesas Technology Corp EL5246CSZ Datasheet HTML 8Page - Renesas Technology Corp EL5246CSZ Datasheet HTML 9Page - Renesas Technology Corp EL5246CSZ Datasheet HTML 10Page - Renesas Technology Corp EL5246CSZ Datasheet HTML 11Page - Renesas Technology Corp EL5246CSZ Datasheet HTML 12Page - Renesas Technology Corp EL5246CSZ Datasheet HTML 13Page - Renesas Technology Corp EL5246CSZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
EL5144, EL5146, EL5244, EL5246, EL5444
FN7177 Rev 2.00
Page 10 of 24
March 31, 2011
FIGURE 21. LARGE SIGNAL PULSE RESPONSE (SPLIT
SUPPLIES)
FIGURE 22. SMALL SIGNAL PULSE RESPONSE (SPLIT
SUPPLY)
FIGURE 23. SETTLING TIME vs SETTLING ACCURACY
FIGURE 24. SLEW RATE vs DIE TEMPERATURE
FIGURE 25. DIFFERENTIAL GAIN FOR RL TIED TO 0V
FIGURE 26. DIFFERENTIAL PHASE FOR RL TIED TO 0V
Typical Performance Curves
0
2
-2
-4
4
TIME (20ns/div)
VS = ±2.5V
RL = 150TO 0V
RF = 1k
AV = 2
0
0.2
-0.2
-0.4
0.4
TIME (20ns/div)
VS = ±2.5V
RL = 150TO 0V
RF = 1k
AV = 2
60
80
20
40
0
100
0.01
0.1
SETTLING ACCURACY (%)
1
RL = 1k
RF = 500
AV = -1
VSTEP = 3V
200
150
250
-55
25
DIE TEMPERATURE (°C)
145
-15
65
105
0
0.04
-0.04
-0.08
0.08
0.25
1.75
VOUT (V)
3.25
RF = 0
AV = 1
RL = 10k
RL = 150
0.25
1.75
VOUT (V)
3.25
0
0.1
-0.1
-0.2
0.2
RF = 0
AV = 1
RL = 10k
RL = 150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com