Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5444CS Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # EL5444CS
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5444CS Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button EL5444CS Datasheet HTML 11Page - Renesas Technology Corp EL5444CS Datasheet HTML 12Page - Renesas Technology Corp EL5444CS Datasheet HTML 13Page - Renesas Technology Corp EL5444CS Datasheet HTML 14Page - Renesas Technology Corp EL5444CS Datasheet HTML 15Page - Renesas Technology Corp EL5444CS Datasheet HTML 16Page - Renesas Technology Corp EL5444CS Datasheet HTML 17Page - Renesas Technology Corp EL5444CS Datasheet HTML 18Page - Renesas Technology Corp EL5444CS Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
EL5144, EL5146, EL5244, EL5246, EL5444
FN7177 Rev 2.00
Page 15 of 24
March 31, 2011
Pin Descriptions
EL5144
5 Ld
SOT23
EL5146
8 Ld
SO/PDIP
EL5244
8 Ld SO/
PDIP/MSOP
EL5246
10 Ld
MSOP
EL5246
14 Ld
SO/PDIP
EL5444
14 Ld
SO/PDIP
EL5444
16 Ld
QSOP NAME
FUNCTION
EQUIVALENT CIRCUIT
5
7
8
8
11
4
4, 5
VS
Positive Power Supply
2
4
4
3
4
11
12, 13
GND
Ground or Negative
Power Supply
3
3
IN+
Non-inverting Input
Circuit 1
4
2
IN-
Inverting Input
(Reference Circuit 1)
1
6
OUT
Amplifier Output
Circuit 2
3
1
1
3
3
INA+ Amplifier A
Non-inverting Input
(Reference Circuit 1)
2
10
14
2
2
INA-
Amplifier A Inverting
Input
(Reference Circuit 1)
1
9
13
1
1
OUTA Amplifier A Output
(Reference Circuit 2)
5
5
7
5
6
INB+ Amplifier B
Non-inverting Input
(Reference Circuit 1)
6
6
8
6
7
INB-
Amplifier B Inverting
Input
(Reference Circuit 1)
7
7
9
7
8
OUTB Amplifier B Output
(Reference Circuit 2)
10
11
INC+ Amplifier C
Non-inverting Input
(Reference Circuit 1)
9
10
INC-
Amplifier C Inverting
Input
(Reference Circuit 1)
8
9
OUTC Amplifier C Output
(Reference Circuit 2)
12
14
IND+ Amplifier D
Non-inverting Input
(Reference Circuit 1)
13
15
IND-
Amplifier D Inverting
Input
(Reference Circuit 1)
14
16
OUTD Amplifier D Output
(Reference Circuit 2)
8
CE
Enable
(Enabled when high)
f
Circuit 3
VS
GND
VS
GND
+
–
VS
1.4V
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com