Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2643023402 Datasheet(PDF) 1 Page - Fair-Rite Products Corp.

Part # 2643023402
Description  EMI Suppression Beads
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

2643023402 Datasheet(HTML) 1 Page - Fair-Rite Products Corp.

  2643023402 Datasheet HTML 1Page - Fair-Rite Products Corp. 2643023402 Datasheet HTML 2Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EMI Suppression Beads (2643023402)
Part Number: 2643023402
43 SHIELD BEAD
Explanation of Part Numbers:
– Digits 1 & 2 = Product Class
– Digits 3 & 4 = Material Grade
•– Last digit 1= Not Burnished 2 = Burnished
– The last digit of the Parylene coated part is a “4,” which is available upon request. The minimum coating thickness beads is
0.005 mm (0.0002″).
Fair- Rite offers a broad selection of ferrite EMI suppression beads with guaranteed minimum impedance specifications.
•Our “Shield Bead Kit” (part number 0199000019) contains a selection of these beads.
•For any EMI suppression bead requirement not listed here, feel free to contact our customer service for availability and
pricing.
•The “C” dimension, the bead length, can be modified to suit specific applications.
Weight: 3.4 (g)
Chart Legend
+ Test frequency
• The column "H (Oe)" gives for each bead the calculated dc bias field in oersted for 1 turn and 1 ampere direct current. The
actual dc H field in the application is this value of “H” times the actual NI (ampere- turn) product. For the effect of the dc bias
on the impedance of the bead material, see figures 18-23 in the application note “How to choose Ferrite Components for EMI
Suppression”.
Typical Impedance (Ω)
10 MHz
51
25 MHz
+
83
100 MHz
+
120
250 MHz
127
Electrical Properties
H(Oe)
0.6
Suppression beads are controlled for impedances only. Minimum impedance values are specified for the + marked frequencies.
The minimum impedance is typically the listed impedance less 20%.
•Single turn impedance tests for 73 and 43 material beads are performed on the 4193A Vector Impedance Analyzer. The 61
material beads are tested on the 4291A RF Impedance Analyzer. Beads are tested with the shortest practical wire length.
Dim
mm
mm tol
nominal inch
inch misc.
A
9.5
±0.25
0.375
_
B
4.75
+0.30
0.193
_
C
15.9
±0.45
0.625
_


Similar Part No. - 2643023402

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2643023002 FAIR-RITE-2643023002 Datasheet
547Kb / 5P
Broadband Frequencies 25-300 MHz
2643023002 FAIR-RITE-2643023002 Datasheet
1Mb / 2P
EMI Suppression Beads
2643023002 FAIR-RITE-2643023002 Datasheet
566Kb / 2P
Round Cable Snap- Its
2643023002 FAIR-RITE-2643023002_18 Datasheet
1Mb / 2P
EMI Suppression Beads
2643023201 FAIR-RITE-2643023201 Datasheet
1Mb / 2P
EMI Suppression Beads
More results

Similar Description - 2643023402

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2643020501 FAIR-RITE-2643020501_18 Datasheet
1Mb / 2P
EMI Suppression Beads
2673000301 FAIR-RITE-2673000301_18 Datasheet
1Mb / 2P
EMI Suppression Beads
2673000801 FAIR-RITE-2673000801_18 Datasheet
1Mb / 2P
EMI Suppression Beads
2673004601 FAIR-RITE-2673004601_18 Datasheet
1Mb / 2P
EMI Suppression Beads
2643003201 FAIR-RITE-2643003201_18 Datasheet
1Mb / 2P
EMI Suppression Beads
2643023201 FAIR-RITE-2643023201 Datasheet
1Mb / 2P
EMI Suppression Beads
2643250202 FAIR-RITE-2643250202 Datasheet
1Mb / 2P
EMI Suppression Beads
2673004801 FAIR-RITE-2673004801_18 Datasheet
1Mb / 2P
EMI Suppression Beads
2673004901 FAIR-RITE-2673004901_18 Datasheet
1Mb / 2P
EMI Suppression Beads
2643021801 FAIR-RITE-2643021801_18 Datasheet
1Mb / 2P
EMI Suppression Beads
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com