Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD27C64-150PI Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AMD27C64-150PI
Description  64 Kilobit (8,192 x 8-Bit) CMOS EPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD27C64-150PI Datasheet(HTML) 3 Page - Advanced Micro Devices

  AMD27C64-150PI Datasheet HTML 1Page - Advanced Micro Devices AMD27C64-150PI Datasheet HTML 2Page - Advanced Micro Devices AMD27C64-150PI Datasheet HTML 3Page - Advanced Micro Devices AMD27C64-150PI Datasheet HTML 4Page - Advanced Micro Devices AMD27C64-150PI Datasheet HTML 5Page - Advanced Micro Devices AMD27C64-150PI Datasheet HTML 6Page - Advanced Micro Devices AMD27C64-150PI Datasheet HTML 7Page - Advanced Micro Devices AMD27C64-150PI Datasheet HTML 8Page - Advanced Micro Devices AMD27C64-150PI Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AMD
2-12
Am27C64
ORDERING INFORMATION
UV EPROM Products
Valid Combinations list configurations planned to be
supported in volume for this device. Consult the lo-
cal AMD sales office to confirm availability of specific
valid combinations and to check on newly released
combinations.
DEVICE NUMBER
Am27C64
64 Kilobit (8,192 x 8-Bit) CMOS UV EPROM
PACKAGE TYPE
D = 28-Pin Ceramic DIP (CDV028)
Valid Combinations
AMD Standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of:
Valid Combinations
B
C
D
-45
AM27C64
OPTIONAL PROCESSING
Blank = Standard Processing
B = Burn-in
TEMPERATURE RANGE
C = Commercial (0
°C to +70°C)
I
= Industrial (–40
°C to +85°C)
E = Extended Commercial (–55
°C to +125°C)
SPEED OPTION
See Product Selector Guide and Valid Combinations
AM27C64-55
AM27C64-70
DC, DCB, DI, DIB
AM27C64-90
AM27C64-120
AM27C64-150
AM27C64-200
AM27C64-255
DC, DCB, DI,
DIB, DE, DEB
AM27C64-45
DC, DCB, DI, DIB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com