| Electronic Components Datasheet Search |
|
ISL97635A Datasheet(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ISL97635A Datasheet(HTML) 23 Page - Renesas Technology Corp |
|
23 / 29 page ![]() ISL97635A FN6564 Rev.3.00 Page 23 of 29 Sep 26, 2017 DC Brightness Control Register (0x07) The DC Brightness Control Register 0x07 allows users to have additional dimming flexibility as: 1. Achieving effectively 16-bit of dimming control when combined DC dimming with PWM dimming or 2. Achieving visual or audio noise free 8-bit DC dimming over potentially noisy PWM dimming. The bit assignment is shown in Figure 28. All of the bits in this Register can be read or write. Steps 0 to 255 represent the linear steps of current adjustment in DC on the fly. It can also be considered as the peak current factory calibration feature to account for various LED production batches variations but external EEPROM settings storing and restoring are required. • An SMBus Write Byte cycle to register 0x07 sets the brightness level in DC only. • An SMBus Read Byte cycle to register 0x07 returns the current DC brightness level. • Default value for register 0x07 is 0xFF. FIGURE 28. DESCRIPTIONS OF DC BRIGHTNESS CONTROL REGISTER REGISTER 0x07 DC BRIGHTNESS CONTROL REGISTER BRTDC7 BRTDC6 BRTDC5 BRTDC4 BRTDC3 BRTDC2 BRTDC1 BRTDC0 Bit 7 (R/W) Bit 6 (R/W) Bit 5 (R/W) Bit 4 (R/W) Bit 3 (R/W) Bit 2 (R/W) Bit 1 (R/W) Bit 0 (R/W) BIT ASSIGNMENT BIT FIELD DEFINITIONS BRTDC[7..0] = 256 steps of DC brightness levels |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |