Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97656 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL97656
Description  Step-Up Regulator with 4A Integrated Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97656 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL97656 Datasheet HTML 1Page - Renesas Technology Corp ISL97656 Datasheet HTML 2Page - Renesas Technology Corp ISL97656 Datasheet HTML 3Page - Renesas Technology Corp ISL97656 Datasheet HTML 4Page - Renesas Technology Corp ISL97656 Datasheet HTML 5Page - Renesas Technology Corp ISL97656 Datasheet HTML 6Page - Renesas Technology Corp ISL97656 Datasheet HTML 7Page - Renesas Technology Corp ISL97656 Datasheet HTML 8Page - Renesas Technology Corp ISL97656 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ISL97656
FN6439 Rev 6.00
Page 3 of 9
July 19, 2012
Block Diagram
gM
AMPLIFIER
COMPARATOR
OSCILLATOR
SHUTDOWN
AND START-UP
CONTROL
LX
VIN
FREQ
EN
SS
REFERENCE
GENERATOR
PWM LOGIC
CONTROLLER
FET
DRIVER
CURRENT
SENSE
GND
FB
COMP
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1
COMP
Compensation pin. Output of the internal error amplifier. Capacitor and resistor from COMP pin to ground.
2
FB
Voltage feedback pin. Internal reference is 1.24V nominal. Connect a resistor divider from VOUT.
VOUT = 1.24V (1 + R1/R2). See “Typical Application Circuit” on page 1.
3
EN
Enable control pin. Pull the pin high to turn the device ON.
4, 5
GND
Power Ground.
6, 7
LX
Power switch pin. Connected to the drain of the internal power MOSFET.
8
VIN
Analog power supply input pin.
9
FREQ
Frequency select pin. When FREQ pin is set low, switching frequency is set to 640kHz when set high switching
frequency is set to 1.22MHz.
10
SS
Soft-start control pin. Connect a capacitor to control the converter output slew rate.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com