Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97656IRTZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL97656IRTZ
Description  Step-Up Regulator with 4A Integrated Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97656IRTZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL97656IRTZ Datasheet HTML 1Page - Renesas Technology Corp ISL97656IRTZ Datasheet HTML 2Page - Renesas Technology Corp ISL97656IRTZ Datasheet HTML 3Page - Renesas Technology Corp ISL97656IRTZ Datasheet HTML 4Page - Renesas Technology Corp ISL97656IRTZ Datasheet HTML 5Page - Renesas Technology Corp ISL97656IRTZ Datasheet HTML 6Page - Renesas Technology Corp ISL97656IRTZ Datasheet HTML 7Page - Renesas Technology Corp ISL97656IRTZ Datasheet HTML 8Page - Renesas Technology Corp ISL97656IRTZ Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ISL97656
FN6439 Rev 6.00
Page 5 of 9
July 19, 2012
FIGURE 8. VIN = 5V, LOAD REGULATION
FIGURE 9. VIN = 3.3V, LOAD REGULATION
FIGURE 10. LINE REGULATION
FIGURE 11. VIN = 3.3V, VO = 12V, fSW = 640kHz, TRANSIENT RESPONSE
FIGURE 12. VIN = 3.3V, VO = 12V, fSW = 1.22MHz, TRANSIENT RESPONSE
Performance Curves (Continued)
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
LOAD (A)
VIN 5, VO = 12V, fSW = 1.22MHz
VIN 5, VO = 9V, fSW = 640kHz
VIN 5, VO = 9V, fSW = 1.22MHz
VIN 5, VO = 12V, fSW = 640kHz
LOAD (A)
0
0.05
0.10
0.15
0.20
0.25
0.30
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
VIN 3.3V, VO = 5V, fSW = 1.22MHz
VIN 3.3V, VO = 9V, fSW = 1.22MHz
VIN 3.3V, VO = 9V, fSW = 640kHz
VIN 3.3V, VO = 12V, fSW = 640kHz
VIN 3.3V, VO = 5V
fSW = 640kHz
VIN 3.3V, VO = 12V
fSW = 1.22MHz
VIN (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
VO = 5V
fSW = 1.22MHz
VO = 12V
fSW = 1.22MHz
VO = 9V
fSW = 1.22MHz
VO = 5V, fSW = 640kHz
VO = 9V, fSW = 640kHz
VO = 12V
fSW = 640kHz
IO = 50mA TO 300mA
IO = 50mA TO 300mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com