Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C11776 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C11776
Description  ~45째 wide beam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C11776 Datasheet(HTML) 1 Page - Ledil, Inc.

  C11776 Datasheet HTML 1Page - Ledil, Inc. C11776 Datasheet HTML 2Page - Ledil, Inc. C11776 Datasheet HTML 3Page - Ledil, Inc. C11776 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
C11776_VENLA-W
VENLA-W
~45° wide beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 45 mm
Height
25 mm
Fastening
socket
Colour
metal
Box size
350 x 350 x 380 mm
Box weight
4 kg
Quantity in Box
225 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Coating
VENLA-W
Reflector
PC
metal
lacquer
Last update: 21/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C11776

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C11776 LEDIL-C11776 Datasheet
1Mb / 3P
Venla series
June 30th 2011 11:37
C11776_VENLA-W-VEGA LEDIL-C11776_VENLA-W-VEGA Datasheet
1Mb / 3P
Venla series
June 30th 2011 11:37
More results

Similar Description - C11776

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FP14998 LEDIL-FP14998 Datasheet
10Mb / 8P
~45째 wide beam
CP12674 LEDIL-CP12674 Datasheet
2Mb / 4P
~45째 wide beam optimized
CP12681 LEDIL-CP12681 Datasheet
2Mb / 4P
~45째 wide beam optimized
FP16610 LEDIL-FP16610 Datasheet
2Mb / 5P
45째 wide beam
C11624 LEDIL-C11624 Datasheet
3Mb / 7P
~45째 wide beam
CA12079 LEDIL-CA12079 Datasheet
8Mb / 17P
~45째 wide beam
CA13634 LEDIL-CA13634 Datasheet
10Mb / 10P
~45째 wide beam
FP10997 LEDIL-FP10997 Datasheet
2Mb / 8P
~45째 wide beam.
FP13026 LEDIL-FP13026 Datasheet
3Mb / 9P
~45째 wide beam.
CP17597 LEDIL-CP17597 Datasheet
1Mb / 4P
~45째 wide beam
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com