Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97698 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL97698
Description  High Efficiency 2-Channel White LED Driver for Smartphone Backlighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97698 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL97698 Datasheet HTML 9Page - Renesas Technology Corp ISL97698 Datasheet HTML 10Page - Renesas Technology Corp ISL97698 Datasheet HTML 11Page - Renesas Technology Corp ISL97698 Datasheet HTML 12Page - Renesas Technology Corp ISL97698 Datasheet HTML 13Page - Renesas Technology Corp ISL97698 Datasheet HTML 14Page - Renesas Technology Corp ISL97698 Datasheet HTML 15Page - Renesas Technology Corp ISL97698 Datasheet HTML 16Page - Renesas Technology Corp ISL97698 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
ISL97698
FN8417 Rev.1.00
Page 13 of 21
Sep 7, 2017
The SWIRE programming is summarized as follows:
• Logic 0 = Negative pulse >90µs and <120µs
• Logic 1 = Negative pulse >15µs and <45µs
• Load = Negative pulse >215µs
The serial interface is automatically reset to 0 when the power is
cycled, or register 02h is written to 00h.
Figure 22 shows an example of transmitting and loading the
value b’10010110’.
IC Enable
When the enable (EN) pin voltage is high and VIN and VIN_IO are
above rising UVLO thresholds, all ISL97698 circuit blocks are
enabled and the boost converter starts to operate. The IC is
disabled by pulling the EN pin low, which immediately turns off
LED channels and the boost regulator.
When EN is low, the PWM, SWIRE, and I2C interfaces are all
disabled, data most recently written by I2C in the registers will be
maintained.
Boost Converter
The ISL97698 implements a current mode control boost
architecture. The boost produces the minimum voltage needed
to enable the LED stack with the highest forward voltage drop to
run at the programmed current. It has a fast current sense loop
and a slow voltage feedback loop. This architecture achieves fast
transient response which is essential for portable product
backlight applications, in which the backlight must not flicker
when the power source is changed from a drained battery to an
AC/DC adapter.
Switching Frequency
The boost switching frequency is adjustable with an internal
register of the ISL97698. The default value at power-on is
850kHz. The adjustable range is from 460kHz to 1.5MHz. Table 2
on page 12 shows the different frequencies with different
register values.
PFM/Synchronous Pulse Skipping
At low output current, the ISL97698 boost regulator transitions
from PWM mode to PFM/skip mode to reduce switching losses
and maximize efficiency. The regulator transitions from PWM
mode to PFM/skip mode when the average inductor current is
lower than a set value for 16 successive boost switching cycles. It
transitions back from PFM/skip mode to PWM mode when it is
switching at the maximum frequency without pulse skipping for
16 successive boost switching cycles, or when the output voltage
falls below the target level.
The ISL97698 uses one of two possible modes of operation:
1. Synchronous Pulse Skipping Mode (Default mode,
04h<5>=1): The boost regulator issues a switching cycle
when the output voltage has fallen below the set level, but it
waits for the next pulse of the internal oscillator for this
switching cycle, aligning all cycles to the fixed oscillator
frequency.
2. Pure PFM Mode (04h<5>=0): The boost regulator does one
switch cycle asynchronously whenever its output falls below
its set value and previous cycle is complete.
The different PFM modes can be selected by controlling bit 5 of
register 04h. The default setting is Synchronous Pulse Skipping
Mode, but is factory configurable to Pure PFM Mode. See“Factory
Trimming Option” on page 18.
In both modes, at each boost switching cycle the inductor current
reaches the peak value of 300mA (typical). The peak inductor
current and average inductor current when it enters PFM mode
can be adjusted by writing different values into register 03h (see
Table 2 on page 12), or by factory trimming (see“Factory
Trimming Option” on page 18).
There is hysteresis built in for the PFM transition. This is to
prevent inadvertently going back and forth between PWM and
PFM modes.
AUDIO BAND SUPPRESSION (ABS)
The ISL97698 PFM and skip modes feature an ultrasonic mode,
which prevents the switching frequency from falling below 30kHz
to avoid audible noise in the application. When the time interval
between two consecutive switching cycles in PFM or skip mode is
more than 33ms (i.e. 30kHz frequency) the regulator reduces the
peak inductor current at each cycle, to maintain the frequency
above 30kHz. The peak inductor current is reduced in successive
steps to 240mA, 200mA, and 162mA. Each step reduces the
power delivered per pulse to about 65% of the previous one. This
is the Audio Band Suppression (ABS) mode.
FIGURE 22. SWIRE TIMING DIAGRAM
“1”
“0”
“0”
“1”
“0”
“1”
“1”
“0”
“Load”
Time
0
200µs
400µs
600µs
800µs
1ms
1.2ms
1.4ms
1.6ms
25µs
(15~45µs)
100µs
(90~120µs)
VIH
VIL
250µs
(215µs min)
High Time
(3µs min)
VIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com