Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFPS-73C Datasheet(PDF) 1 Page - Semtech Corporation

Part # CFPS-73C
Description  Semtech Reference - Stratum 4
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

CFPS-73C Datasheet(HTML) 1 Page - Semtech Corporation

  CFPS-73C Datasheet HTML 1Page - Semtech Corporation CFPS-73C Datasheet HTML 2Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
262
CFPS-72, -73 Semtech Reference - Stratum 4
ISSUE 5; 19 OCTOBER 2004
Delivery Options
I
Common frequencies are available from stock. Please
see stock list or contact sales office
Output Compatibility
I
Tri-state HCMOS/TTL (5.0V) (CFPS-72), Load 15pF max
I
Tri-state HCMOS (3.3V) (CFPS-73), Load 15pF max
Package Outline
I
7.0 x 5.0mm SMD Ceramic Package.
Available over 0 to 70°C (CFPS-72, -73) or
–40 to 85°C (CFPS-72I, -73I)
Standard Frequency Stabilities
I
±20ppm, ±25ppm, ±50ppm, ±100ppm (inclusive of
supply voltage & output load variations over the
operating temperature range)
Operating Temperature Range
I
0 to 70°C (CFPS-72, -73)
I
–40 to 85°C (CFPS-72I, -73I)
Storage Temperature Range
I
–55 to 125°C
Tri-state Operation
I
Logic ‘1’ to pad 1 enables oscillator output, 2.2V min
I
Logic ‘0’ to pad 1 disables oscillator output; when
disabled the oscillator output goes to the high
impedance state, 0.8V max
I
No connection to pad 1 enables oscillator output
Solder Conditions
I
For typical soldering conditions, please see the relevant
pages in Applications Notes
Marking
I
Model Number (+ Operating Temperature Code; if
applicable)
I
Frequency Stability Code
I
Frequency
Minimum Order Information Required
I
Frequency + Model Number + Operating Temperature
Code (if applicable) + Frequency Stability
I
Please refer to our programmable oscillator chapter for
fast make products
Output Waveform
Outline in mm
7.0±0.2
1.4
3.28
1.8
Pad Connections
1. N/C or Enable/Disable
2. GND
3. Output
4. +Vs
5.08
Solder pad layout
12
3
4
tr
tf
t
T
90%Vs
10%Vs
50%Vs
0V
+Vs
2.4V
0.4V
Duty cycle = t x 100(%)
T
1.4V


Similar Part No. - CFPS-73C

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPS-73 IQD-CFPS-73 Datasheet
1,014Kb / 2P
Crystal Clock Oscillator Specification
CFPS-73-AUTO IQD-CFPS-73-AUTO Datasheet
328Kb / 2P
Crystal Clock Oscillator Specification
More results

Similar Description - CFPS-73C

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
OX4020A-F1-28-20.000-STR3 RALTRON-OX4020A-F1-28-20.000-STR3 Datasheet
32Kb / 1P
Fully meeting Stratum 3 reference clock requirements
OX4180A-LZ-1-12.800-SM RALTRON-OX4180A-LZ-1-12.800-SM Datasheet
49Kb / 1P
REFERENCE OSCILLATOR TO SEMTEC ACS8530 STRATUM 3E SYNCRONIZATION CHIP SET
logo
Advanced XTAL Products
AXIOM10S AXTAL-AXIOM10S Datasheet
53Kb / 2P
OCXO in SMD package for Stratum III and Stratum IIIe
2005-07-15
logo
Vectron International, ...
C2560 VECTRON-C2560_07 Datasheet
736Kb / 4P
Optimized for Semtech SONET / SDH Synchronization Sets
C4550 VECTRON-C4550_11 Datasheet
52Kb / 2P
Stratum 3E
logo
EUROQUARTZ limited
EQAX20 EUROQUARTZ-EQAX20 Datasheet
99Kb / 1P
STRATUM III OSCILLATORS
EQAX30 EUROQUARTZ-EQAX30 Datasheet
71Kb / 1P
STRATUM III OSCILLATORS
EQAXM20S EUROQUARTZ-EQAXM20S Datasheet
63Kb / 1P
STRATUM III OSCILLATORS
logo
Connor-Winfield Corpora...
SM3-8RG5 CONNOR-WINFIELD-SM3-8RG5 Datasheet
616Kb / 32P
8 REFERENCE STRATUM 3 MODULE
SM34 CONNOR-WINFIELD-SM34 Datasheet
518Kb / 31P
8 REFERENCE SURFACE MOUNT STRATUM 3 MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com