Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFPS-72I Datasheet(PDF) 2 Page - Semtech Corporation

Part # CFPS-72I
Description  Semtech Reference - Stratum 4
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

CFPS-72I Datasheet(HTML) 2 Page - Semtech Corporation

  CFPS-72I Datasheet HTML 1Page - Semtech Corporation CFPS-72I Datasheet HTML 2Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4.0
0.3
5.4
8.0
∅
∅
2.15 max
1.6
1.5
2.0
2.0
120° (3 equal)
∅25.0
2.0
17.5
Test Circuit - HCMOS
Oscilloscope
Oscillator
43
12
Frequency
Counter
0.1
µF
A
Power
Supply
V
15pF *
* Inclusive of jigging & equipment capacitance
+Vs
+Vs
Oscillator
43
12
0.1
µF
A
Power
Supply
V
D1
D4
D2
D3
400R
Oscilloscope
Frequency
Counter
15pF*
D
1 to D4 = IN4148
or equivalent
*Inclusive of jigging & equipment capacitance
Note: CFPS-72, 72I only
+Vs
+Vs
Test Circuit - TTL
Frequency
Frequency
Supply Voltage
Supply Current
Rise Time(tr)
Fall Time (tf)
Duty Cycle
Model Number
Range
Stability
1.25 to 35.0MHz
15mA
6ns
6ns
>35.0 to 70.0MHz
30mA
6ns
6ns
>70.0 to 106.25MHz
±20ppm, ±25ppm,
3.3V
40mA
6ns
6ns
CFPS-73,
>106.25 to 120.0MHz
±50ppm, ±100ppm
40mA
6ns
6ns
CFPS-73I
>120.0 to 125.0MHz
40mA
6ns
6ns
>125.0 to 160MHz
40mA
6ns
6ns
40/60%
1.25 to 20.0MHz
20mA
6ns
6ns
>20.0 to 35.0MHz
30mA
6ns
6ns
>35.0 to 70.0MHz
±25ppm, ±50ppm
5.0V
50mA
6ns
6ns
CFPS-72,
>70.0 TO 100.0MHz
±100ppm
70mA
6ns
6ns
CFPS-72I
>100.0 to 125.0MHz
70mA
6ns
6ns
>125.0 to 160.0MHz
70mA
6ns
6ns
Electrical Specification - maximum limiting values when measured in HCMOS test circuit
Ordering Example
24.0MHz
CFPS-73I
C
Frequency
Model No
Operating Temperature Code: I = –40 to 85°C; Not applicable for 0 to 70°C
Frequency Stability: A = ±25ppm; B = ±50ppm; C = ±100ppm; G = ±20ppm
Outline in mm - Tape
Outline in mm - Reel
263



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com