Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRMS-1MHJ Datasheet(PDF) 1 Page - Mini-Circuits

Part # LRMS-1MHJ
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LRMS-1MHJ Datasheet(HTML) 1 Page - Mini-Circuits

  LRMS-1MHJ Datasheet HTML 1Page - Mini-Circuits LRMS-1MHJ Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Level 13
(LO Power +13dBm) 2 to 500 MHz
Frequency Mixer
Surface Mount
CASE STYLE: QQQ569
Features
• low conversion loss, 6.13 dB typ.
• excellent L-R isolation, 44 dB typ.
• aqueous washable
• J-leads for strain relief
Applications
• VHF/UHF
• instrumentation
Electrical Schematic
Demo Board MCL P/N: TB-44+
Suggested PCB Layout (PL-083)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
1
RF
4
IF
5
GROUND
2,3,6
Outline Drawing
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
200mW
IF Current
40mA
Electrical Specifications
1 dB COMP.: +9 dBm typ.
LRMS-1MHJ+
LRMS-1MHJ
Typical Performance Data
REV. D
M151107
LRMS-1MHJ
DJ/FL/CP
150819
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
L
M
U
L
M
U
f
L-fU
—
X
σ
Max.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ.
2-500
DC-500
6.13
.08
7.0
8.0
58 45
44 25
30 20
55 40
36 25
28 17
23
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
2.10
32.10
7.12
2.48
10.50
72.10
51.18
1.82
4.10
34.10
6.54
2.67
14.50
69.04
48.42
1.82
6.10
36.10
6.35
2.78
20.50
66.13
45.46
1.81
10.10
40.10
6.24
2.84
24.50
64.29
43.96
1.81
14.10
44.10
6.13
2.85
30.50
62.15
42.08
1.81
18.10
48.10
6.17
2.82
35.00
61.00
40.87
1.81
20.10
50.10
6.17
2.81
40.10
59.59
39.68
1.82
25.10
55.10
6.15
2.77
50.10
57.26
37.80
1.83
50.10
80.10
6.19
2.65
80.10
52.29
33.74
1.81
100.10
130.10
6.19
2.37
105.10
49.20
31.29
1.81
125.10
155.10
6.21
2.28
155.10
45.02
28.06
1.84
150.10
180.10
6.20
2.15
205.10
41.68
25.76
1.84
175.10
205.10
6.28
2.06
255.10
38.45
24.37
1.90
200.10
230.10
6.33
2.00
305.10
35.47
23.37
1.95
250.10
280.10
6.35
1.85
330.10
34.14
23.10
1.99
300.10
330.10
6.41
1.75
355.10
33.10
23.00
1.98
350.10
380.10
6.52
1.68
405.10
31.53
22.77
2.05
400.10
430.10
6.52
1.58
430.10
30.84
22.89
2.07
425.10
455.10
6.59
1.53
455.10
30.16
23.02
2.03
500.00
470.00
6.67
1.52
470.00
29.64
23.13
2.08
Frequency
(MHz)
Conversion
Loss
(dB)
VSWR
RF Port
(:1)
Frequency
(MHz)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
LO Port
(:1)
RF
LO
LO
+13dBm
LO
+13dBm
LO
+13dBm
LO
+13dBm
LO
+13dBm
Permanent damage may occur if any of these limits are exceeded.
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002
A
B
C
D
E
F
G
.390
.31
.225
.060
--
.100
.045
9.91
7.87
5.72
1.52
--
2.54
1.14
H
J
K
L
M
wt
.420
.120
.060
.100
--
grams
10.67
3.05
1.52
2.54
--
0.50
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - LRMS-1MHJ

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LRMS-1MH MINI-LRMS-1MH Datasheet
356Kb / 2P
Frequency Mixer
LRMS-1MH+ MINI-LRMS-1MH+ Datasheet
356Kb / 2P
Frequency Mixer
More results

Similar Description - LRMS-1MHJ

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
VAY-1 MINI-VAY-1 Datasheet
213Kb / 2P
Frequency Mixer
ZAD-11H MINI-ZAD-11H Datasheet
288Kb / 2P
Frequency Mixer
ZFM-3H MINI-ZFM-3H Datasheet
261Kb / 2P
Frequency Mixer
ZFM-4 MINI-ZFM-4 Datasheet
264Kb / 2P
Frequency Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com