Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRMS-2H Datasheet(PDF) 1 Page - Mini-Circuits

Part # LRMS-2H
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LRMS-2H Datasheet(HTML) 1 Page - Mini-Circuits

  LRMS-2H Datasheet HTML 1Page - Mini-Circuits LRMS-2H Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Level 17
(LO Power +17dBm)
5 to 1000 MHz
Frequency Mixer
Surface Mount
Features
• low conversion loss, 6.98 dB typ.
• excellent L-R isolation, 39 dB typ.;
L-I isolation, 45 dB typ.
Applications
• VHF/UHF
• instrumentation
• cellular
Demo Board MCL P/N: TB-44+
Suggested PCB Layout (PL-083)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
1
RF
4
IF
5
GROUND
2,3,6
Outline Drawing
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
200mW
IF Current
40mA
Electrical Specifications
1 dB COMP.: +14 dBm typ.
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
L
M
U
L
M
U
f
L-fU
—
X
σ
Max.
Typ.
Min.
Typ.
Min.
Typ.
Min.
Typ.
Min.
Typ.
Min.
Typ.
Min.
5-1000
DC-900
6.98 .054
8.5
9.3
55
40
39
22
33
20
52
30
45
22
30
17
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
LRMS-2H+
Typical Performance Data
Electrical Schematic
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+17dBm
LO
+17dBm
LO
+17dBm
LO
+17dBm
LO
+17dBm
Typical Performance Data
5.00
35.00
7.85
66.33
72.89
1.54
1.95
10.00
40.00
7.64
63.63
68.70
1.49
1.85
20.00
50.00
7.69
58.93
63.79
1.47
1.79
50.00
80.00
7.55
52.00
56.89
1.45
1.91
95.45
65.45
7.54
46.41
50.84
1.44
1.79
100.00
70.00
7.53
46.04
50.67
1.43
1.79
185.91
155.91
7.51
40.70
46.79
1.43
1.69
200.00
170.00
7.37
40.02
46.99
1.42
1.68
276.36
246.36
7.35
37.35
44.46
1.40
1.56
366.82
336.82
7.22
35.28
42.69
1.34
1.47
457.27
427.27
7.11
33.66
39.45
1.25
1.36
487.42
457.42
7.17
33.17
37.61
1.24
1.34
500.00
470.00
7.07
33.04
37.36
1.21
1.34
547.73
517.73
7.11
32.95
35.68
1.11
1.28
638.18
608.18
7.46
32.78
31.60
1.06
1.29
728.64
698.64
7.45
31.90
30.61
1.27
1.46
819.09
789.09
7.76
30.74
28.78
1.54
1.81
909.55
879.55
8.24
29.67
27.10
1.90
2.21
969.85
939.85
8.54
29.46
25.48
2.06
2.34
1000.00
970.00
8.75
29.31
24.84
2.10
2.40
REV. D
M151107
LRMS-2H+
150819
Permanent damage may occur if any of these limits are exceeded.
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002
A
B
C
D
E
F
G
.400
.31
.200
.10
.010
.100
.050
10.16
7.87
5.08
2.54
0.25
2.54
1.27
H
J
K
L
M
wt
.420
.120
.060
.100
.020
grams
10.67
3.05
1.52
2.54
0.51
0.55
CASE STYLE: QQQ130
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
10, 20, 50, 100, 200
13”
500


Similar Part No. - LRMS-2H

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LRMS-20J MINI-LRMS-20J Datasheet
354Kb / 2P
Frequency Mixer
LRMS-20J+ MINI-LRMS-20J+ Datasheet
354Kb / 2P
Frequency Mixer
LRMS-25J MINI-LRMS-25J Datasheet
316Kb / 2P
Frequency Mixer
LRMS-25J+ MINI-LRMS-25J+ Datasheet
316Kb / 2P
Frequency Mixer
LRMS-2J MINI-LRMS-2J Datasheet
313Kb / 2P
Frequency Mixer
More results

Similar Description - LRMS-2H

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
VAY-1 MINI-VAY-1 Datasheet
213Kb / 2P
Frequency Mixer
ZAD-11H MINI-ZAD-11H Datasheet
288Kb / 2P
Frequency Mixer
ZFM-3H MINI-ZFM-3H Datasheet
261Kb / 2P
Frequency Mixer
ZFM-4 MINI-ZFM-4 Datasheet
264Kb / 2P
Frequency Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com