Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5210CSZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # EL5210CSZ
Description  30MHz Rail-to-Rail Input-Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5210CSZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button EL5210CSZ Datasheet HTML 6Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 7Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 8Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 9Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 10Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 11Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 12Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 13Page - Renesas Technology Corp EL5210CSZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
EL5210, EL5410
FN7185 Rev 3.00
Page 10 of 16
July 5, 2007
Typical Performance Curves (Continued)
Pin Descriptions
EL5210
EL5410
Name
Function
Equivalent Circuit
11
VOUTA Amplifier A Output
22
VINA-
Amplifier A Inverting Input
33
VINA+ Amplifier A Non-Inverting Input
(Reference Circuit 2)
84
VS+
Positive Power Supply
55
VINB+ Amplifier B Non-Inverting Input
(Reference Circuit 2)
66
VINB-
Amplifier B Inverting Input
(Reference Circuit 2)
77
VOUTB Amplifier B Output
(Reference Circuit 1)
8VOUTC Amplifier C Output
(Reference Circuit 1)
9VINC-
Amplifier C Inverting Input
(Reference Circuit 2)
10
VINC+ Amplifier C Non-Inverting Input
(Reference Circuit 2)
411
VS-
Negative Power Supply
12
VIND+ Amplifier D Non-Inverting Input
(Reference Circuit 2)
13
VIND-
Amplifier D Inverting Input
(Reference Circuit 2)
14
VOUTD Amplifier D Output
(Reference Circuit 1)
Large Signal Transient Response
Small Signal Transient Response
VS=±5V
TA=25°C
AV=1
RL=1k
CL=12pF
1V
200ns
50mV
100ns
VS=±5V
TA=25°C
AV=1
RL=1k
CL=12pF
VS+
GND
VS-
Circuit 1
VS+
VS-
Circuit 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com