Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5292CS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL5292CS
Description  Dual 600MHz Current Feedback Amplifier with Enable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5292CS Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL5292CS Datasheet HTML 1Page - Renesas Technology Corp EL5292CS Datasheet HTML 2Page - Renesas Technology Corp EL5292CS Datasheet HTML 3Page - Renesas Technology Corp EL5292CS Datasheet HTML 4Page - Renesas Technology Corp EL5292CS Datasheet HTML 5Page - Renesas Technology Corp EL5292CS Datasheet HTML 6Page - Renesas Technology Corp EL5292CS Datasheet HTML 7Page - Renesas Technology Corp EL5292CS Datasheet HTML 8Page - Renesas Technology Corp EL5292CS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FN7192 Rev 1.00
Page 1 of 16
June 28, 2007
FN7192
Rev 1.00
June 28, 2007
EL5292, EL5292A
Dual 600MHz Current Feedback Amplifier with Enable
DATASHEET
The EL5292 and EL5292A represent dual current feedback
amplifiers with a very high bandwidth of 600MHz. This
makes these amplifiers ideal for today’s high speed video
and monitor applications.
With a supply current of just 6mA per amplifier and the ability
to run from a single supply voltage from 5V to 10V, these
amplifiers are also ideal for hand held, portable or battery
powered equipment.
The EL5292A also incorporates an enable and disable
function to reduce the supply current to 100µA typical per
amplifier. Allowing the CE pin to float or applying a low logic
level will enable the amplifier.
The EL5292 is offered in the industry-standard 8 Ld SOIC
package and the space-saving 8 Ld MSOP package. The
EL5292A is available in a 10 Ld MSOP package and all
operate over the industrial temperature range of -40
C to
+85
C.
Pinouts
Features
• 600MHz -3dB bandwidth
• 6mA supply current (per amplifier)
• Single and dual supply operation, from 5V to 10V
• Fast enable/disable (EL5292A only)
• Single (EL5192) and triple (EL5392) available
• High speed, 1GHz product available (EL5191)
• Low power, 4mA, 300MHz product available (EL5193,
EL5293, and EL5393)
Applications
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment
• Instrumentation
• Current to voltage converters
1
2
3
4
8
7
6
5
EL5292
(8 LD SOIC)
TOP VIEW
1
2
3
4
10
9
8
7
5
6
EL5292A
(10 LD MSOP)
TOP VIEW
-
+
-
+
-
+
-
+
OUTA
INA-
INA+
VS-
VS+
OUTB
INB-
INB+
INA+
CEA
VS-
CEB
INA-
OUTA
VS+
OUTB
INB+
INB-
Ordering Information
PART
NUMBER
PART
MARKING
PACKAGE
PKG.
DWG. #
EL5292CS
5292CS
8 Ld SOIC
MDP0027
EL5292CS-T7*
5292CS
8 Ld SOIC
MDP0027
EL5292CS-T13*
5292CS
8 Ld SOIC
MDP0027
EL5292ACY
T
10 Ld MSOP
MDP0043
EL5292ACY-T7*
T
10 Ld MSOP
MDP0043
EL5292ACY-T13*
T
10 Ld MSOP
MDP0043
*“-T7” or “-T13” suffix is for tape and reel. Please refer to TB347 for
details on reel specifications.
NOT RECOMMENDED FOR NEW DESIGNS
SEE EL5260, EL5263


Similar Part No. - EL5292CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5292CS ELANTEC-EL5292CS Datasheet
307Kb / 15P
Dual 600MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5292CS INTERSIL-EL5292CS Datasheet
580Kb / 14P
Dual 600MHz Current Feedback Amplifier with Enable
January 22, 2004
EL5292CS INTERSIL-EL5292CS Datasheet
342Kb / 16P
Dual 600MHz Current Feedback Amplifier with Enable
June 28, 2007
logo
Elantec Semiconductor
EL5292CS-T13 ELANTEC-EL5292CS-T13 Datasheet
307Kb / 15P
Dual 600MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5292CS-T13 INTERSIL-EL5292CS-T13 Datasheet
580Kb / 14P
Dual 600MHz Current Feedback Amplifier with Enable
January 22, 2004
More results

Similar Description - EL5292CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
600MHz Current Feedback Amplifier with Enable
August 3, 2005
EL5292 INTERSIL-EL5292 Datasheet
580Kb / 14P
Dual 600MHz Current Feedback Amplifier with Enable
January 22, 2004
EL5392A INTERSIL-EL5392A Datasheet
580Kb / 14P
Triple 600MHz Current Feedback Amplifier with Enable
January 22, 2004
EL5392A INTERSIL-EL5392A_06 Datasheet
368Kb / 14P
Triple 600MHz Current Feedback Amplifier with Enable
March 9, 2006
EL5164 INTERSIL-EL5164_05 Datasheet
413Kb / 12P
600MHz Current Feedback Amplifiers with Enable
August 10, 2005
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
600MHz Current Feedback Amplifiers with Enable
EL5292 INTERSIL-EL5292_07 Datasheet
342Kb / 16P
Dual 600MHz Current Feedback Amplifier with Enable
June 28, 2007
EL5192 INTERSIL-EL5192_07 Datasheet
414Kb / 20P
600MHz Current Feedback Amplifier with Enable
May 16, 2007
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
600MHz Current Feedback Amplifiers with Enable
EL5192 RENESAS-EL5192 Datasheet
934Kb / 20P
600MHz Current Feedback Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com