Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL4148 Datasheet(PDF) 3 Page - Shenzhen Yixinwei Technology Co., Ltd.

Part # LL4148
Description  Silicon Epitaxial Planar Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

LL4148 Datasheet(HTML) 3 Page - Shenzhen Yixinwei Technology Co., Ltd.

  LL4148 Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. LL4148 Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd. LL4148 Datasheet HTML 3Page - Shenzhen Yixinwei Technology Co., Ltd. LL4148 Datasheet HTML 4Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Admissible power dissipation
versus ambient temperature
Valid provided that electrodes are kept at ambient
temperature
400
300
200
100
0
100
200 C
Ptot
Tamb
LL 4148
o
mW
VF
10 -1
1
10
2
10
3
10
LL 4148
i F
Forward characteristics
5
10 4
2
5
2
2
10
10
LL 4148
rf
Tj=25 C
f=1KHz
-2
10
02 V
10 3
5
2
5
2
1
-2
10
-1
10
1
10
10 mA
2
IF
0
500
600
700
800
900
1000
0.7
0.8
0
VR
6
0
10 V
1.1
1.0
0.9
Ctot(VR)
Ctot(0V)
LL 4148
Relative capacitance
versus reverse voltage
24
8
Dynamic forward resistance
versus forward current
o
Tj=25 C
o
Tj=100 C
o
1
Tj=25 C
f=1MHz
o
LL4148
Ambient Temperature: Ta ( C)
O
0 25
100
150
0
100
200
300
400
500
200
Power Derating Curve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com