Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8178FSZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # EL8178FSZ
Description  Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL8178FSZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button EL8178FSZ Datasheet HTML 5Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 6Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 7Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 8Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 9Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 10Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 11Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 12Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
EL8178
FN7504 Rev 7.00
Page 10 of 13
May 14, 2008
when evaluating the active amplifier’s performance in Mux
Amp configurations.
Note that feed through from the IN+ to IN- pins occurs on any
Mux Amp disabled channel where the input differential voltage
exceeds 0.5V (e.g., active channel VOUT = 1V, while disabled
channel VIN = GND), so the mux implementation is best suited
for small signal applications. In any application where two or
more amplifier outputs are muxed, use series IN+ resistors, or
large value RFs in each amplifier to keep the feed through
current low enough to minimize the impact on the active
channel. See “Usage Implications” on page 10 for more
details.
IN+ and IN- Input Protection
In addition to ESD protection diodes to each supply rail, the
EL8178 has additional back-to-back protection diodes across
the differential input terminals. If the magnitude of the differential
input voltage exceeds the diode’s VF, then one of these diodes
will conduct. For elevated temperatures, the leakage of the
protection diodes (see Circuit 1 in “Pin Descriptions” on page 9)
increases, resulting in the increase in IBIAS, as seen in Figures
18 and 19.
USAGE IMPLICATIONS
If the input differential voltage is expected to exceed 0.5V, an
external current limiting resistor must be used to ensure the input
current never exceeds 5mA. For noninverting unity gain
applications, the current limiting can be via a series IN+ resistor,
or via a feedback resistor of appropriate value. For other gain
configurations, the series IN+ resistor is the best choice, unless
the feedback (RF) and gain setting (RG) resistors are both
sufficiently large to limit the input current to 5mA.
Large differential input voltages can arise from several
sources:
1. During open loop (comparator) operation. The IN+ and IN-
input voltages don’t track.
2. When the amplifier is disabled but an input signal is still
present. An RL or RG to GND keeps the IN- at GND, while
the varying IN+ signal creates a differential voltage. Mux
Amp applications are similar, except that the active channel
VOUT determines the voltage on the IN- terminal.
3. When the slew rate of the input pulse is considerably faster
than the op amp’s slew rate. If the VOUT can’t keep up with
the IN+ signal, a differential voltage results, and visible
distortion occurs on the input and output signals. To avoid
this issue, keep the input slew rate below 0.2V/µs, or use
appropriate current limiting resistors.
Large (>2V) differential input voltages can also cause an
increase in disabled ICC.
EN I
nput Protection
The EN input has internal ESD protection diodes to both the
positive and negative supply rails, limiting the input voltage
range to within one diode beyond the supply rails (see “Circuit 2”
diagram on page 9). If the input voltage is expected to exceed
V+ or V-, then an external series resistor should be added to
limit the current to 5mA.
Output Current Limiting
The EL8178 has no internal current-limiting circuitry. If the
output is shorted, it is possible to exceed the “Absolute
Maximum Rating” for “operating junction temperature”,
potentially resulting in the destruction of the device.
Power Dissipation
It is possible to exceed the +150°C maximum junction
temperature (TJMAX) under certain load and power-supply
conditions. It is therefore important to calculate TJMAX for all
applications to determine if power supply voltages, load
conditions, or package type need to be modified to remain in
the safe operating area. These parameters are related in
Equation 1:
where PDMAX is calculated using Equation 2:
where:
•TMAX = Maximum ambient temperature
•
JA = Thermal resistance of the package
•PDMAX = Maximum power dissipation of the amplifier
•VS = Supply voltage
•IMAX = Maximum supply current of the amplifier
•VOUTMAX = Maximum output voltage swing of the
application
•RL = Load resistance
TJMAX
TMAX JAxPDMAX

+
=
(EQ. 1)
PDMAX
VS ISMAX VS
- VOUTMAX
VOUTMAX
RL
----------------------------
+
=
(EQ. 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com